Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FME0V223ZFTP18 Datasheet(PDF) 4 Page - Kemet Corporation

Part # FME0V223ZFTP18
Description  Supercapacitors FM Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FME0V223ZFTP18 Datasheet(HTML) 4 Page - Kemet Corporation

  FME0V223ZFTP18 Datasheet HTML 1Page - Kemet Corporation FME0V223ZFTP18 Datasheet HTML 2Page - Kemet Corporation FME0V223ZFTP18 Datasheet HTML 3Page - Kemet Corporation FME0V223ZFTP18 Datasheet HTML 4Page - Kemet Corporation FME0V223ZFTP18 Datasheet HTML 5Page - Kemet Corporation FME0V223ZFTP18 Datasheet HTML 6Page - Kemet Corporation FME0V223ZFTP18 Datasheet HTML 7Page - Kemet Corporation FME0V223ZFTP18 Datasheet HTML 8Page - Kemet Corporation FME0V223ZFTP18 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6012_FM • 10/5/2016
Supercapacitors – FM Series
Table 1 – Ratings & Part Number Reference
Part Number
Maximum
Operating
Voltage (VDC)
Nominal Capacitance
Maximum ESR
at 1 kHz (Ω)
Maximum
Current at 30
Minutes (mA)
Voltage Holding
Characteristic
Minimum (V)
Weight (g)
Charge
System (F)
Discharge
System (F)
FM0V473ZF
3.5
0.047
0.06
200
0.042
1.3
FMR0V104ZF
3.5
0.10
50
0.090
1.6
FM0V104ZF
3.5
0.10
0.13
100
0.090
1.3
FM0V224ZF
3.5
0.22
0.30
100
0.20
1.6
FM0H103ZF
5.5
0.01
0.014
300
0.015
4.2
1.3
FME0H223ZF
5.5
0.022
0.028
40
0.033
1.3
FM0H223ZF
5.5
0.022
0.028
200
0.033
4.2
1.3
FML0H333ZF
5.5
0.033
6.5
0.050
1.3
FME0H473ZF
5.5
0.047
0.06
20
0.071
1.3
FMC0H473ZF
5.5
0.047
0.06
100
0.071
4.2
1.3
FM0H473ZF
5.5
0.047
0.06
200
0.071
4.2
1.3
FMR0H473ZF
5.5
0.047
0.062
200
0.071
4.2
1.6
FMR0H104ZF
5.5
0.10
50
0.15
4.2
1.6
FMC0H104ZF
5.5
0.10
0.13
50
0.15
4.2
1.6
FM0H104ZF
5.5
0.10
0.13
100
0.15
4.2
1.6
FM0H224ZF
5.5
0.22
100
0.33
4.2
1.6
FMC0H334ZF
5.5
0.33
25
0.50
4.2
3.5
FM0J473ZF
6.5
0.047
0.062
200
0.071
1.6


Similar Part No. - FME0V223ZFTP18

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FME0V223ZFTP18 KEMET-FME0V223ZFTP18 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
More results

Similar Description - FME0V223ZFTP18

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
FS0H104ZF KEMET-FS0H104ZF Datasheet
766Kb / 14P
   Supercapacitors FS Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com