Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFR5101J63J11L4BULK Datasheet(PDF) 3 Page - Kemet Corporation

Part # PFR5101J63J11L4BULK
Description  PFR Series Polypropylene Film/Foil, Radial
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PFR5101J63J11L4BULK Datasheet(HTML) 3 Page - Kemet Corporation

  PFR5101J63J11L4BULK Datasheet HTML 1Page - Kemet Corporation PFR5101J63J11L4BULK Datasheet HTML 2Page - Kemet Corporation PFR5101J63J11L4BULK Datasheet HTML 3Page - Kemet Corporation PFR5101J63J11L4BULK Datasheet HTML 4Page - Kemet Corporation PFR5101J63J11L4BULK Datasheet HTML 5Page - Kemet Corporation PFR5101J63J11L4BULK Datasheet HTML 6Page - Kemet Corporation PFR5101J63J11L4BULK Datasheet HTML 7Page - Kemet Corporation PFR5101J63J11L4BULK Datasheet HTML 8Page - Kemet Corporation PFR5101J63J11L4BULK Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3036_PFR • 9/19/2016
3
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
PFR Series Polypropylene Film/Foil, Radial
Performance Characteristics
Voltage Range (VDC)
63
100
250
400
630
1000
Voltage Range (VAC)
40
63
160
220
250
250
Capacitance Range (µF)
0.0001 – 0.022
0.0001 – 0.01
0.0001 – 0.0068 0.0001 – 0.0068 0.0001 – 0.0047
0.0001 –
0.001
Capacitance Values
In accordance with IEC E12 series
Capacitance Tolerance
±1%, ±2%, ±2.5%, ±5%, ±10%
Category Temperature
Range
-55°Cto+100°C.Anoperatingtemperatureupto+105°Cisallowedundercertainconditions.Pleaseconsult
KEMET for details
Climatic Category
IEC 60068–1, 55/100/56
Capacitance Drift
Maximum0.3%aftera2yearstorageperiodatatemperatureof+10°Cto+40°Candarelativehumidityof40%
to 60%
TemperatureCoefficient
-200(+50,-100)ppm/°Cat1kHz
Self-Inductance
Approximately 6 nH/cm for the total length of capacitor winding and the leads
DissipationFactortanδ
MaximumValuesat+23°C
C≤0.001µF
0.001µF<C≤0.0047µF
C > 0.0047 µF
1 kHz
0.0004
0.0004
0.0004
10 kHz
0.0004
0.0005
0.0007
100 kHz
0.0005
0.0007
Insulation Resistance
Measuredat+20°C,accordingtoIEC60384–13
Minimumvaluebetweenterminals100,000MΩ
Resonance Frequencies


Similar Part No. - PFR5101J63J11L4BULK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PFR5151J1000J11L4BULK KEMET-PFR5151J1000J11L4BULK Datasheet
56Kb / 1P
   Film, Film/Foil Polypropylene, Commercial Grade, PFR/F411, 150 pF, 5%, 1,000 V, 85C, Lead Spacing = 5mm
More results

Similar Description - PFR5101J63J11L4BULK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE448RB4150JR06 KEMET-PHE448RB4150JR06 Datasheet
2Mb / 13P
   PHE448 Series Polypropylene Film/Foil, Radial
R73EI2470AA00H KEMET-R73EI2470AA00H Datasheet
1Mb / 20P
   R73 Series Polypropylene Film/Foil, Radial (Automotive Grade)
logo
List of Unclassifed Man...
2013S ETC2-2013S Datasheet
29Kb / 1P
   POLYPROPYLENE FILM & FOIL RADIAL EPOXY DIP, SERIES WOUND
logo
RFE international
PPS222J3A RFE-PPS222J3A Datasheet
85Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PPS Series: High Voltage Radial Dipped, Film Foil
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
   Polypropylene film foil capacitors
logo
Cornell Dubilier Electr...
WPP1D1K-F CDE-WPP1D1K-F Datasheet
156Kb / 2P
   Film/Foil Polypropylene Capacitors
logo
Vishay Siliconix
KP460 VISHAY-KP460_02 Datasheet
1Mb / 29P
   Polypropylene film foil capacitors
2002 Oct 09
logo
RFE international
PPL333K2A RFE-PPL333K2A Datasheet
61Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PPL Series: Film Foil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com