Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-MM5 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # SF-MM5
Description  50/125 Um Multi-mode Optical Fiber
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

SF-MM5 Datasheet(HTML) 3 Page - Samsung semiconductor

  SF-MM5 Datasheet HTML 1Page - Samsung semiconductor SF-MM5 Datasheet HTML 2Page - Samsung semiconductor SF-MM5 Datasheet HTML 3Page - Samsung semiconductor SF-MM5 Datasheet HTML 4Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MECHANICAL & ENVIRONMENTAL SPECIFICATIONS
Parameters
Specifications
Proof Test Level
≥ 100 kpsi
Temperature Dependence ( -60°C ~ +85°C)
≤ 0.2 dB/km @ 850 nm & 1300 nm
Temp.-Humidity Cycling (-10°C ~ +85°C, 98% RH)
≤ 0.2 dB/km @ 850 nm & 1300 nm
Coating Strip Force
1.3 ~ 5.5 N
0.010
0.008
0.006
0.004
0.002
0.000
-60
Fiber Radius (
µm)
Typical Refractive Index Profile
-50 -40 -30 -20 -10
0
10
20
30
40
50
60
2.5
2.0
3.0
3.5
1.5
1.0
0.5
0.0
800
Wavelength (nm)
Typical Spectral Attenuation
900
1000
1100
1200
1300
1400
1500
1600
a: 2.35 dB/km
@ 850 nm
b: 0.53 dB/km
@ 1300 nm
c: 0.82 dB/km
@ 1380 nm
a
b
c
ORDERING INFORMATION
Product Type
Description
Specification (x)
SF-MM5 - x
50/125 µm Multi-mode fiber
P : Premium S : Standard
* Change x in the left column with the code in the right column for your choice
03
SF-MM5


Similar Part No. - SF-MM5

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-M PHOENIX-SF-M Datasheet
53Kb / 2P
   Bit screwdriver set, packed in a practical belt pouch
SF-M-BH PHOENIX-SF-M-BH Datasheet
43Kb / 2P
   Bit screwdriver, with 1/4" quick-action chuck, handle length 119 mm, 2-component handle, with non-slip grip, suitable for bits according to DIN 3126-C 6.3 and E 6.3/ISO 1173, magnetic
SF-M-SET-2 PHOENIX-SF-M-SET-2 Datasheet
49Kb / 2P
   Bit screwdriver set, packed in a practical belt pouch
logo
Ironwood Electronics.
SF-MLF16A-A-02 IRONWOOD-SF-MLF16A-A-02 Datasheet
31Kb / 1P
   Materials and specifications are subject to change without notice
SF-MLF16A-A-02F IRONWOOD-SF-MLF16A-A-02F Datasheet
28Kb / 1P
   Materials and specifications are subject to change without notice
More results

Similar Description - SF-MM5

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
APD-1300 OPTOWAY-APD-1300 Datasheet
82Kb / 2P
   InGaAs Avalanche PHOTODIODE with 50/125 um Fiber Pigtail
PD-8300 OPTOWAY-PD-8300_07 Datasheet
130Kb / 3P
   GaAs PIN PD MODULES GaAs PIN PHOTODIODE WITH 62.5/125 um MULTI-MODE FIBER PIGTAIL
SPM-3602G OPTOWAY-SPM-3602G_15 Datasheet
177Kb / 6P
   125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3602G_2015 OPTOWAY-SPM-3602G_2015 Datasheet
177Kb / 6P
   125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3702G_2015 OPTOWAY-SPM-3702G_2015 Datasheet
177Kb / 6P
   125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3702G OPTOWAY-SPM-3702G_15 Datasheet
177Kb / 6P
   125 Mbps Multi-Mode Single-Fiber SFP Transceiver
logo
Tripp Lite. All Rights ...
T020-001-LC50 TRIPPLITE-T020-001-LC50 Datasheet
155Kb / 2P
   FC to LC 50/125 Adapter for Multi-Function Optical Fiber Cable Tester (M/F)
T020-001-SC50 TRIPPLITE-T020-001-SC50 Datasheet
160Kb / 2P
   FC to SC 50/125 Adapter for Multi-Function Optical Fiber Cable Tester (M/F)
logo
Richco, Inc.
OFSMB-4-05GFBK RICHCO-OFSMB-4-05GFBK Datasheet
148Kb / 1P
   OPTICAL FIBER SLOTTED MULTI BRACKET
OFSMB-4-05-GFBLK RICHCO-OFSMB-4-05-GFBLK Datasheet
152Kb / 1P
   OPTICAL FIBER SLOTTED MULTI BRACKET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com