Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

434333045822 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 434333045822
Description  WS-TASU 4,7x3,5 mm side push tact switch, J-Bend SMD version
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

434333045822 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  434333045822 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATE
FILE
REV
BY
EDV NO
Date
Checked
Drawn
Name
Scale
DESCRIPTION
Position
GENERAL TOLERANCE
Basic material
Projection
Drawing.- No.
c
Bounce 10ms max. 14-04-11 DaF
d
revised MatchCode
14-10-30
e
remove Contact cladding
AL
WS-TASU 4,7x3,5 mm side push tact switch, J-Bend SMD
version
4343x30458xx
4343x30458xx.dft
10-07-14
Jelisarow
5:1
System :Solid Edge V20
WE
eiCan
CAD
Würth Elektronik
eiCan
.x = +/- 0,2
.xx = +/- 0,15
A4
SIZE
11-10-28
warning text
a
WJ
This electronic component is designed and developed with the intention
for use in general electronics equipments.
Before incorporating the components into any equipments in the field
such as aerospace, aviation, nuclear control, submarine, transportation,
(automotive control, train control, ship control), transportation signal,
disaster prevention, medical, public information network etc. where higher
safety and reliability are especially required or if there is possibility of
direct damage or injury to human body, Wurth Elektronik must be asked
for a written approval.
In addition, even electronic component in general electronic equipments,
when used in electrical circuits that require high safety, reliability functions
or performance, the sufficient reliability evaluation-check for the safety
must be performed before by the user before usage.
12-06-06
description
b
WJ
10-07-14
Hsu
14-07-24
DaF
1
2
3
4
Scale - 5:1
P.C.B. MOUNTING PLAN
SCHEMATIC
4
3
2
1
4,0
6,0
TECHNICAL CHARACTERISTICS
SPECIFICATION
>Rating:
50mA, 12VDC
>Contact Resistance:
Initial:
100mOHM max.
After Life Test:
1OHM max.
>Insulation Resistance: min. 100MOHM at 500VDC
>Dielectric Strength:
250VAC for 1 minute
>Bounce:
10ms max.
MATERIAL
>Cover:
Stainless Steel
>Stem:
PA46, UL HB
>Frame:
PA46, UL HB, color White
>Contact: Stainless Steel with silver
>Terminal: Copper alloy with silver plating
>Tape:
Polyimide tape
SOLDERING INFORMATION
>Terminal in SMD version
>Reflow soldering according to JEDEC J-STD 020 Hot Air
>Hand soldering under 350°C for 3 sec. max
ENVIRONMENTAL
>Storage condition: -40°C ~ +85°C
>Operation condition: -40°C ~ +85°C
>Compliance: Lead Free, ROHS, Reach
PACKAGING INFORMATION
>Tape & Reel
2
1
4
3
2,6
4,7
5,5 ±0,2
3,7
PN
Force
Color of Stem Life cycle
434 353 045 816
160g ± 50gf
White
200.000
434 333 045 822
220g ± 50gf
Black
100.000
0,25 mm ± 0,1
0,30 mm +0,1 / -0,2
Stroke


Similar Part No. - 434333045822

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
434333492 ULTI-MATE-434333492 Datasheet
156Kb / 1P
   MICRO-D CONNECTOR ASSEMBLY, APR21P02-24E5-36.0-S03-HT
11/27/17
More results

Similar Description - 434333045822

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
436333045822 WURTH-436333045822 Datasheet
100Kb / 1P
   WS-TASU 4,7x3,5 mm side push tact switch with boss design, J-Bend SMD version
436353045816 WURTH-436353045816 Datasheet
100Kb / 1P
   WS-TASU 4,7x3,5 mm side push tact switch with boss design, J-Bend SMD version
434331045822 WURTH-434331045822 Datasheet
97Kb / 1P
   WS-TASU 4,7x3,5 mm side push tact switch SMD version
436331045822 WURTH-436331045822 Datasheet
100Kb / 1P
   WS-TASU 4,7x3,5 mm side push tact switch with boss design, SMD version
436351045816 WURTH-436351045816 Datasheet
100Kb / 1P
   WS-TASU 4,7x3,5 mm side push tact switch with boss design, SMD version
434331013822 WURTH-434331013822 Datasheet
107Kb / 1P
   WS-TASU Side push Tact Switch, SMD version
434153017835 WURTH-434153017835 Datasheet
108Kb / 1P
   WS-TASV Tact Switch J-Bend SMD version
434123025816 WURTH-434123025816 Datasheet
94Kb / 1P
   WS-TASV 6,0x3,8mm Tact Switch, J-Bend SMD version
434113025826 WURTH-434113025826 Datasheet
94Kb / 1P
   WS-TASV 6,0x3,8mm Tact Switch, J-Bend SMD version
430453031836 WURTH-430453031836 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com