Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-PLCC52-J-02 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SF-PLCC52-J-02
Description  Generic pattern not representative of actual land pattern
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SF-PLCC52-J-02 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SF-PLCC52-J-02 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Substrate: FR4/G10, 0.0625"±0.007" thick.
Pins: Material - Brass Alloy 360, 1/2H ; finish - 10µ" Gold over 100/150µ" Nickel.
2
1
Pin 1
Side View
Top View
with pin assignments
Generic pattern
not
representative
of actual land
pattern
8
47
34
47
34
21
21
8
compatible target board
land dimensions
A< 0.696"
B> 0.776"
0.786"
0.736"
0.050"
0.017"
0.207"
0.373"
0.050"
0.018"±0.001" dia. typ.
A
B
Date:6/1/95
SF-PLCC52-J-02 Drawing
Rev: B
Status: Released
File: SF-PLCC52-J-02 Dwg
ECO#
Scale: 4:1
Drawing: G. Nelson
© 1995 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100


Similar Part No. - SF-PLCC52-J-02

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SF-PLCC52-J-01 IRONWOOD-SF-PLCC52-J-01 Datasheet
27Kb / 1P
   Generic pattern not representative of actual land pattern
SF-PLCC52-J-05 IRONWOOD-SF-PLCC52-J-05 Datasheet
24Kb / 1P
   Materials and specifications are subject to change without notice
More results

Similar Description - SF-PLCC52-J-02

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SF-PLCC52-J-01 IRONWOOD-SF-PLCC52-J-01 Datasheet
27Kb / 1P
   Generic pattern not representative of actual land pattern
SF-PLCC28-J-02 IRONWOOD-SF-PLCC28-J-02 Datasheet
21Kb / 1P
   Generic pattern not representative of actual land pattern
SF-PLCC32-J-01 IRONWOOD-SF-PLCC32-J-01 Datasheet
31Kb / 1P
   Generic pattern not representative of actual land pattern
SF-PLCC84-J-05 IRONWOOD-SF-PLCC84-J-05 Datasheet
33Kb / 1P
   Generic pattern not representative of actual land pattern
SF-PLCC32-J-05 IRONWOOD-SF-PLCC32-J-05 Datasheet
29Kb / 1P
   Generic pattern not representative of actual land pattern
SF-PLCC84-J-01 IRONWOOD-SF-PLCC84-J-01 Datasheet
34Kb / 1P
   Generic pattern not representative of actual land pattern
SF-PLCC84-J-02 IRONWOOD-SF-PLCC84-J-02 Datasheet
34Kb / 1P
   Generic pattern not representative of actual land pattern
logo
Maxim Integrated Produc...
90-0360 MAXIM-90-0360 Datasheet
63Kb / 1P
   PACKAGE LAND PATTERN, (G2044Y1)
Rev A
logo
ABCO ELECTRONICS CO.LTD
LPF1260 ABCO-LPF1260 Datasheet
104Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF2810 ABCO-LPF2810 Datasheet
106Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com