Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC0805BRE071K Datasheet(PDF) 7 Page - YAGEO Corporation

Part # AC0805BRE071K
Description  THICK FILM CHIP RESISTORS Automotive Precision grade
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC0805BRE071K Datasheet(HTML) 7 Page - YAGEO Corporation

  AC0805BRE071K Datasheet HTML 1Page - YAGEO Corporation AC0805BRE071K Datasheet HTML 2Page - YAGEO Corporation AC0805BRE071K Datasheet HTML 3Page - YAGEO Corporation AC0805BRE071K Datasheet HTML 4Page - YAGEO Corporation AC0805BRE071K Datasheet HTML 5Page - YAGEO Corporation AC0805BRE071K Datasheet HTML 6Page - YAGEO Corporation AC0805BRE071K Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Chip Resistor Surface Mount
www.yageo.com
Mar. 14, 2016 V.0
Product specification
7
7
SERIES
AC
0402 to 1206
REVISION HISTORY
REVISION DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 0
Feb. 23, 2016 -
- New datasheet for Automotive thick film ultra precision chip resistors sizes
of 0402/0603/0805/1206, 0.1%, 0.5%, 1%, TC50 with lead-free
terminations
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products itself are unchanged. Any
product change will be announced by PCN.”


Similar Part No. - AC0805BRE071K

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC0805BRNPO0BB YAGEO-AC0805BRNPO0BB Datasheet
1Mb / 24P
   SURFACE MOUNT MULTILAYER CERAMIC CAPACITORS
AC0805BRNPO0BN YAGEO-AC0805BRNPO0BN Datasheet
1Mb / 24P
   SURFACE MOUNT MULTILAYER CERAMIC CAPACITORS
AC0805BRNPO5BB YAGEO-AC0805BRNPO5BB Datasheet
1Mb / 24P
   SURFACE MOUNT MULTILAYER CERAMIC CAPACITORS
AC0805BRNPO5BN YAGEO-AC0805BRNPO5BN Datasheet
1Mb / 24P
   SURFACE MOUNT MULTILAYER CERAMIC CAPACITORS
AC0805BRNPO6BB YAGEO-AC0805BRNPO6BB Datasheet
1Mb / 24P
   SURFACE MOUNT MULTILAYER CERAMIC CAPACITORS
More results

Similar Description - AC0805BRE071K

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RE0805DR-071KL YAGEO-RE0805DR-071KL Datasheet
281Kb / 7P
   THICK FILM CHIP RESISTORS Precision grade
logo
List of Unclassifed Man...
RMF10JT103 ETC-RMF10JT103 Datasheet
1,016Kb / 13P
   Automotive Grade Thick Film Chip Resistors
logo
YAGEO Corporation
AC0201DR-071RL YAGEO-AC0201DR-071RL Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603FR YAGEO-AC0603FR Datasheet
312Kb / 10P
   THICK FILM CHIP RESISTORS Automotive grade
AC0402 YAGEO-AC0402 Datasheet
345Kb / 11P
   THICK FILM CHIP RESISTORS Automotive grade
AC0201DR-071R YAGEO-AC0201DR-071R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
logo
Panasonic Semiconductor
ERJ-14NF1071U PANASONIC-ERJ-14NF1071U Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com