Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

430481xxx816 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 430481xxx816
Description  WS-TASV 6x6mm washable Tact Switch, SMD version
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

430481xxx816 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  430481xxx816 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATE
FILE
REV
BY
EDV NO
Date
Checked
Drawn
Name
Scale
DESCRIPTION
Position
GENERAL TOLERANCE
Basic material
Projection
Drawing.- No.
b
washable definition
c
Bounce 10ms max. 14-04-11 DaF
d
revised MatchCode 14-07-24
AL
WS-TASV 6x6mm washable Tact Switch,
SMD version
4304x1xxx8x6
4304x1xxx8x6.dft
09-09-10
Jelisarow
5:1
System :Solid Edge V20
WE
eiCan
CAD
Würth Elektronik
eiCan
.x = +/- 0,2
.xx = +/- 0,15
A4
SIZE
11-10-28
warning text
a
WJ
This electronic component is designed and developed with the intention
for use in general electronics equipments.
Before incorporating the components into any equipments in the field
such as aerospace, aviation, nuclear control, submarine, transportation,
(automotive control, train control, ship control), transportation signal,
disaster prevention, medical, public information network etc. where
higher safety and reliability are especially required or if there is possibility
of direct damage or injury to human body, Wurth Elektronik must be
asked for a written approval.
In addition, even electronic component in general electronic equipments,
when used in electrical circuits that require high safety, reliability
functions or performance, the sufficient reliability evaluation-check for the
safety must be performed before by the user before usage.
14-01-31 DaF
09-09-10
Hsu
e
remove Contact cladding
14-11-03 DaF
TECHNICAL CHARACTERISTICS
SPECIFICATION
>Rating:
50mA, 12VDC
>Contact Resistance:
Initial:
100mOHM max.
After Life Test:
2OHM max.
>Insulation Resistance: min. 100MOHM at 500VDC
>Dielectric Strength:
250VAC for 1 minute
>Stroke:
0.25 + 0.2 mm / - 0.1 mm
>Bounce
10ms max.
MATERIAL
>Cover:
Stainless S
teel
>Stem:
LCP UL 9
4V-0
>Frame:
LCP UL 94V-0, color Bl
ack
>Contact: Stainless Steel with silver
>Terminal: Brass with silver plating
>Tape:
Polyimide tap
e
SOLDERING INFORMATION
>Terminal in SMD version
>Reflow soldering according to JEDEC J-STD 020 Hot Air
>Hand soldering under 350°C for 3 sec. max
WASHABLE DEFINITION
Please do not submerse washable products into water or cleaning agents
or put them in locations exposed to water or liquids completely.
When cleaning by hand (brushing), please do not use excessive force on
our switch to avoid malfunction afterwards, because you could deform
function relevant areas or you could damage sealing functions.
Do not clean washable series immediately after soldering. The cleaning
agent may be absorbed into the switch through respiration while the switch
cools.
ENVIRONMENTAL
>Storage condition: -40°C ~ +85°C
>Operation condition: -40°C ~ +85°C
>Compliance: Lead Free, ROHS, Reach
PACKAGING INFORMATION
>Tape & Reel
5,0
9,0
1
3
4
2
P.C.B. MOUNTING PLAN
SCHEMATIC
1
3
2
4
5,8
6,2 ±0,2
8,0 ±0,2
3,0
O
0,7
h 0,10 Ref.
1
3
4
2
P.C.B. MOUNTING FACE
Scale - 5:1
PN
Force
Color of Stem Life cycle
H
Ø D
H
Ø D
H
Ø D
430 481 xxx 816 160g ± 50gf
Black
1.000.000
430 471 xxx 826 260g ± 50gf
White
500.000
430 451 xxx 836 360g ± 50gf
Salmon
200.000
-025
-031
-035
3.0
2.5
3.0
3.1
3.0
3.5


Similar Part No. - 430481xxx816

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
430481xxx816 WURTH-430481xxx816 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430481xxx816 WURTH-430481xxx816 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430481xxx816 WURTH-430481xxx816 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430481xxx816 WURTH-430481xxx816 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
More results

Similar Description - 430481xxx816

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
4304X1XXX8X6 WURTH-4304X1XXX8X6 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430451031836 WURTH-430451031836 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430471035826 WURTH-430471035826 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430451025836 WURTH-430451025836 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
4304X3XXX8X6 WURTH-4304X3XXX8X6 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
430453035836 WURTH-430453035836 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
430453025836 WURTH-430453025836 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
430453031836 WURTH-430453031836 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
430483035816 WURTH-430483035816 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
4301X2XXX8X6 WURTH-4301X2XXX8X6 Datasheet
102Kb / 1P
   WS-TASV 6x6mm Tact Switch, SMD version
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com