Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C27 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # BZX84C27
Description  SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BZX84C27 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  BZX84C27 Datasheet HTML 1Page - Central Semiconductor Corp BZX84C27 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
SOT-23 CASE - MECHANICAL OUTLINE
BZX84C2V4
THRU
BZX84C47
SURFACE MOUNT
350mW SILICON ZENER DIODE
2.4 VOLTS THRU 47 VOLTS
R5 ( 30-March 2004)
TYPE NO.
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDENCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
ZENER
VOLTAGE
TEMP.
COEFF.
MARKING
CODE
MIN
NOM
MAX
ZZT @ IZT ZZK @ IZK
IR @ VR
IZM
Θ
ΘVZ
VOLTS VOLTS VOLTS
mA
mA
µµA
VOLTS
mA
% / °C
BZX84C11
10.4
11
11.6
5.0
20
150
1.0
0.1
8.0
23
0.07
Y1
BZX84C12
11.4
12
12.7
5.0
25
150
1.0
0.1
8.0
21
0.07
Y2
BZX84C13
12.4
13
14.1
5.0
30
170
1.0
0.1
8.0
19
0.08
Y3
BZX84C15
13.8
15
15.6
5.0
30
200
1.0
0.05
10.5
17
0.08
Y4
BZX84C16
15.3
16
17.1
5.0
40
200
1.0
0.05
11.2
16
0.08
Y5
BZX84C18
16.8
18
19.1
5.0
45
225
1.0
0.05
12.6
14
0.08
Y6
BZX84C20
18.8
20
21.2
5.0
55
225
1.0
0.05
14.0
12
0.08
Y7
BZX84C22
20.8
22
23.3
5.0
55
250
1.0
0.05
15.4
11
0.09
Y8
BZX84C24
22.8
24
25.6
5.0
70
250
1.0
0.05
16.8
10
0.09
Y9
BZX84C27
25.1
27
28.9
2.0
80
300
0.5
0.05
18.9
9
0.09
Y10
BZX84C30
28.0
30
32.0
2.0
80
300
0.5
0.05
21.0
8
0.09
Y11
BZX84C33
31.0
33
35.0
2.0
80
325
0.5
0.05
23.1
7
0.09
Y12
BZX84C36
34.0
36
38.0
2.0
90
350
0.5
0.05
25.2
6.9
0.09
Y13
BZX84C39
37.0
39
41.0
2.0
130
350
0.5
0.05
27.3
6.4
0.09
Y14
BZX84C43
40.0
43
46.0
2.0
150
375
0.5
0.05
30.1
5.8
0.10
Y15
BZX84C47
44.0
47
50.0
2.0
170
375
0.5
0.05
32.9
5.3
0.10
Y16
LEAD CODE:
1) ANODE
2) NO CONNECTION
3) CATHODE


Similar Part No. - BZX84C27

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
BZX84C27 HTSEMI-BZX84C27 Datasheet
712Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX84C27 VISHAY-BZX84C27 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Zibo Seno Electronic En...
BZX84C27 ZSELEC-BZX84C27 Datasheet
132Kb / 3P
   350mW Silicon Planar Zener Diodes
logo
MAKO SEMICONDUCTOR CO.,...
BZX84C27 MAKOSEMI-BZX84C27 Datasheet
825Kb / 5P
   SOT-24 Plastic-Encapsulate Diodes
logo
Continental Device Indi...
BZX84C27 CDIL-BZX84C27 Datasheet
111Kb / 4P
   SILIICON PLANAR VOLTAGE REGULATOR DIODE
More results

Similar Description - BZX84C27

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84C3V3-33 CENTRAL-BZX84C3V3-33 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
BZX84C2V4 CENTRAL-BZX84C2V4 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
CMPZDA2V4 CENTRAL-CMPZDA2V4 Datasheet
121Kb / 2P
   SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW
BZX84A2V4 CENTRAL-BZX84A2V4_11 Datasheet
335Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS 1% TOLERANCE
CMSZDA2V4 CENTRAL-CMSZDA2V4 Datasheet
124Kb / 2P
   SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMLZDA2V4 CENTRAL-CMLZDA2V4_10 Datasheet
519Kb / 2P
   SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMLZDA2V4 CENTRAL-CMLZDA2V4 Datasheet
65Kb / 2P
   SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMSZ5221B CENTRAL-CMSZ5221B_10 Datasheet
479Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com