Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

99709E3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 99709E3
Description  Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

99709E3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 99709E3 Datasheet HTML 3Page - Vishay Siliconix 99709E3 Datasheet HTML 4Page - Vishay Siliconix 99709E3 Datasheet HTML 5Page - Vishay Siliconix 99709E3 Datasheet HTML 6Page - Vishay Siliconix 99709E3 Datasheet HTML 7Page - Vishay Siliconix 99709E3 Datasheet HTML 8Page - Vishay Siliconix 99709E3 Datasheet HTML 9Page - Vishay Siliconix 99709E3 Datasheet HTML 10Page - Vishay Siliconix 99709E3 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
146 CTI
www.vishay.com
Vishay BCcomponents
Revision: 05-Dec-16
9
Document Number: 28403
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RIPPLE CURRENT AND USEFUL LIFE
Table 7
Note
• Multiplier of useful life code: MBC242
Fig. 11 - Multiplier of useful life as a function of ambient temperature and ripple current load
ENDURANCE TEST DURATION AND USEFUL LIFE
LIFE CODE
ENDURANCE AT 125 °C
(h)
USEFUL LIFE AT 125 °C
(h)
USEFUL LIFE AT 40 °C
1.8 x IR APPLIED (h)
L1
1000
1500
150 000
L2
1500
2000
200 000
L3
2000
2500
250 000
L4
2500
3000
300 000
L5
3000
4000
325 000
L6
4000
5000
350 000
L7
5000
6000
400 000
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
80
90
100
110
120
130
3.9
4.0
4.1
4.2
4.3
I
A
R
I
Lifetime multiplier
(1)
T
amb (°C)
MBC242
I
A = Actual ripple current at 100 kHz
I
R = Rated ripple current at 100 kHz, 125 °C
(1)
Useful life at 125 °C and I
R applied;
see Table 7


Similar Part No. - 99709E3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
997002 LITTELFUSE-997002 Datasheet
59Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
997003 LITTELFUSE-997003 Datasheet
59Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
997004 LITTELFUSE-997004 Datasheet
59Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
997005 LITTELFUSE-997005 Datasheet
59Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
997010 LITTELFUSE-997010 Datasheet
59Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
More results

Similar Description - 99709E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
146CTI VISHAY-146CTI_V01 Datasheet
142Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
01-Jan-2023
160CLA VISHAY-160CLA_16 Datasheet
143Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 14-Dec-16
146CTI VISHAY-146CTI_16 Datasheet
144Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 05-Dec-16
160CLA VISHAY-160CLA_V01 Datasheet
140Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
01-Jan-2023
146CTI VISHAY-146CTI_13 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
146CTI VISHAY-146CTI Datasheet
116Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 19-Jul-10
160CLA VISHAY-160CLA Datasheet
127Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 04-Dec-12
146CTI VISHAY-146CTI_11 Datasheet
134Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 10-May-11
160CLA VISHAY-160CLA_13 Datasheet
135Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
MAL214699106E3 VISHAY-MAL214699106E3 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 01-Oct-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com