Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP1239 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RP1239
Description  315.0 MHz SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RP1239 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RP1239 Datasheet HTML 1Page - List of Unclassifed Manufacturers RP1239 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-9148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RP1239-110499
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency
Absolute Frequency
fC
2, 3, 4, 5,
314.925
315.075
MHz
Tolerance from 315.000 MHz
∆f
C
±75
kHz
Insertion Loss
IL
2, 5, 6
5.3
8.5
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
18,000
50
Ω Loaded Q
QL
8,100
Temperature Stability
Turnover Temperature
TO
6, 7, 8
37
52
67
°C
Turnover Frequency
fO
fC+8.5
kHz
Frequency Temp. Coefficient
FTC
0.037
ppm/°C2
Frequency Aging
Absolute Value during First Year
|fA|
6
≤ 10
ppm/yr
DC Insulation Resistance between Any Two Pins
5
1.0
M
RF Equivalent RLC
Motional Resistance
RM
5, 7, 9
84
167
Motional Inductance
LM
758.027
µH
Motional Capacitance
CM
0.336771
fF
Shunt Static Capacitance
CO
5, 6, 9
1.9
2.2
2.5
pF
Lid Symbolization (in addition to Lot and/or Date Codes)
RFM P1239
TO39-3 Case
Designed for 315 MHz Transmitters
Nominal Insertion Phase Shift of 180° at Resonance
Quartz Stability
Rugged, Hermetic, Low-Profile TO39 Case
The RP1239 is a two-port, 180° surface-acoustic-wave (SAW) resonator in a low-profile TO39 case. It pro-
vides reliable, fundamental-mode, quartz frequency stabilization of low-power AM and FSK transmitters
operating at 315.0 MHz for use in the United Kingdom under DTI MPT 1340 and in the USA under FCC Part
15. Applications include remote-control and wireless security devices. This is a pin-for-pin replacement in
preexisting transmitter circuits utilizing two-port, 180° SAW resonators.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation (See: Typical Test Circuit)
+0
dBm
DC Voltage Between Any Two Pins (Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
315.0 MHz
SAW
Resonator
RP1239
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65°C or less. Aging may exceed the specification for prolonged temperatures
above +65°C. Typically, aging is greatest the first year after manufacture, decreasing significantly in subsequent years.
2.
The frequency fC is the frequency of minimum IL with the resonator in the specified test fixture in a 50 Ω test system with VSWR ≤ 1.2:1. Typically,
fOSCILLATOR or fTRANSMITTER is less than the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488; 4,616,197.
4.
Typically, equipment utilizing this device requires emissions testing and government approval, which is the responsibility of the equipment manufac-
turer.
5.
Unless noted otherwise, case temperature TC = +25°C± 5°C
6.
The design, manufacturing process, and specifications of this device are subject to change without notice.
7.
Derived mathematically from one or more of the following directly measured parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fO. The nominal frequency at any case temperature, TC, may be
calculated from: f = fO [1 - FTC (TO - TC)
2]. Typically, oscillator T
O is 20° less than the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the resonant frequency and is provided for reference only. The capacitance
CO is the measured static (nonmotional) capacitance between either pin 1 and ground or pin 2 and ground. The measurement includes case parasitic
capacitance.


Similar Part No. - RP1239

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RP12300L103BW VISHAY-RP12300L103BW Datasheet
109Kb / 4P
   Analog Linear Displacement Sensor
Revision: 25-Jan-18
RP12300L222BW VISHAY-RP12300L222BW Datasheet
109Kb / 4P
   Analog Linear Displacement Sensor
Revision: 25-Jan-18
RP12300L223BW VISHAY-RP12300L223BW Datasheet
109Kb / 4P
   Analog Linear Displacement Sensor
Revision: 25-Jan-18
RP12300L472BW VISHAY-RP12300L472BW Datasheet
109Kb / 4P
   Analog Linear Displacement Sensor
Revision: 25-Jan-18
logo
Murata Manufacturing Co...
RP1236-1 MURATA-RP1236-1 Datasheet
151Kb / 2P
   312.0 MHz SAW Resonator
More results

Similar Description - RP1239

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2073E RFM-RO2073E Datasheet
96Kb / 2P
   315.0 MHz SAW Resonator
RO2073E-2 RFM-RO2073E-2 Datasheet
96Kb / 2P
   315.0 MHz SAW Resonator
RO2073C RFM-RO2073C Datasheet
95Kb / 2P
   315.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
   315.0 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2073A RFM-RO2073A Datasheet
169Kb / 2P
   315.0 MHz SAW Resonator
RO2073A-6 RFM-RO2073A-6 Datasheet
100Kb / 2P
   315.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3073 MURATA-RO3073 Datasheet
142Kb / 2P
   315.0 MHz SAW Resonator
RO3073A-1 MURATA-RO3073A-1 Datasheet
392Kb / 2P
   315.0 MHz SAW Resonator
RF1211D MURATA-RF1211D Datasheet
72Kb / 2P
   315.0 MHz SAW Filter
RF1417D MURATA-RF1417D Datasheet
98Kb / 5P
   315.0 MHz SAW Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com