Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

99507E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 99507E3
Description  Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

99507E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  99507E3 Datasheet HTML 1Page - Vishay Siliconix 99507E3 Datasheet HTML 2Page - Vishay Siliconix 99507E3 Datasheet HTML 3Page - Vishay Siliconix 99507E3 Datasheet HTML 4Page - Vishay Siliconix 99507E3 Datasheet HTML 5Page - Vishay Siliconix 99507E3 Datasheet HTML 6Page - Vishay Siliconix 99507E3 Datasheet HTML 7Page - Vishay Siliconix 99507E3 Datasheet HTML 8Page - Vishay Siliconix 99507E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
146 CTI
www.vishay.com
Vishay BCcomponents
Revision: 05-Dec-16
5
Document Number: 28403
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ADVANCED SOLDERING PROFILE FOR LEAD (Pb)-FREE REFLOW PROCESS
ACCORDING TO JEDEC J-STD-020
Fig. 4 - Maximum temperature load during reflow soldering
Table 4
Notes
• Temperature measuring point on top of the case and on terminals.
• Max. 2 runs with pause of min. 30 min in between.
REFLOW SOLDERING CONDITIONS for MAL214699xxxE3
PROFILE FEATURES
CASE CODE
0810 TO 1012
CASE CODE
1213 TO 1216
CASE CODE
1616 TO 1821
Max. time from 25 °C to TPeak
300 s
300 s
300 s
Max. ramp-up rate to 150 °C
3 K/s
3 K/s
3 K/s
Max. time from 150 °C to 200 °C (t1)
150 s
150 s
150 s
Max. time from 190 °C to 200 °C (t2)
110 s
110 s
110 s
Ramp up rate from 200 °C to TPeak
0.5 K/s to 3 K/s
0.5 K/s to 3 K/s
0.5 K/s to 3 K/s
Max. time above TLiquidus (217 °C) (t3)
90 s
90 s
90 s
Max. time above 230 °C (t4)
70 s
65 s
60 s
Peak temperature TPeak
260 °C
250 °C
245 °C
Max. time above TPeak minus 5 °C
40 s
30 s
30 s
Ramp-down rate from TLiquidus
3 K/s to 6 K/s
3 K/s to 6 K/s
3 K/s to 6 K/s
t
1
200
190
150
25
217
230
T
Peak
time (s)
T (°C)
t
2
t
3
t
4


Similar Part No. - 99507E3

ManufacturerPart #DatasheetDescription
logo
ebm-papst
9950 EBMPAPST-9950 Datasheet
318Kb / 1P
   TUBEAXIAL
9950 EBMPAPST-9950 Datasheet
289Kb / 4P
   AC axial compact fan
9950 EBMPAPST-9950 Datasheet
129Kb / 1P
   AC axial fans
logo
Belden Inc.
9950 BELDEN-9950 Datasheet
149Kb / 2P
   RS232, #22-50c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
logo
Molex Electronics Ltd.
9950-0111 MOLEX5-9950-0111 Datasheet
118Kb / 3P
   8.00mm (.315") Pitch Beau??Eurostyle??Fixed Mount, High Voltage PCB Terminal Block, Vertical, 11 Circuits
More results

Similar Description - 99507E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
146CTI VISHAY-146CTI_V01 Datasheet
142Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
01-Jan-2023
160CLA VISHAY-160CLA_16 Datasheet
143Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 14-Dec-16
146CTI VISHAY-146CTI_16 Datasheet
144Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 05-Dec-16
160CLA VISHAY-160CLA_V01 Datasheet
140Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
01-Jan-2023
146CTI VISHAY-146CTI_13 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
146CTI VISHAY-146CTI Datasheet
116Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 19-Jul-10
160CLA VISHAY-160CLA Datasheet
127Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 04-Dec-12
146CTI VISHAY-146CTI_11 Datasheet
134Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 10-May-11
160CLA VISHAY-160CLA_13 Datasheet
135Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
MAL214699106E3 VISHAY-MAL214699106E3 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 01-Oct-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com