Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

99506E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 99506E3
Description  Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

99506E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  99506E3 Datasheet HTML 1Page - Vishay Siliconix 99506E3 Datasheet HTML 2Page - Vishay Siliconix 99506E3 Datasheet HTML 3Page - Vishay Siliconix 99506E3 Datasheet HTML 4Page - Vishay Siliconix 99506E3 Datasheet HTML 5Page - Vishay Siliconix 99506E3 Datasheet HTML 6Page - Vishay Siliconix 99506E3 Datasheet HTML 7Page - Vishay Siliconix 99506E3 Datasheet HTML 8Page - Vishay Siliconix 99506E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
146 CTI
www.vishay.com
Vishay BCcomponents
Revision: 05-Dec-16
2
Document Number: 28403
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 2 - Dimensional outline
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (L x W x H in mm)
CR
(μF)
UR (V)
16
25
35
50
63
80
100
10


10 x 10 x 10
10 x 10 x 10
22


10 x 10 x 10
10 x 10 x 10
10 x 10 x 10
33

8 x 8 x 10
10 x 10 x 10
10 x 10 x 10
10 x 10 x 12
47

10 x 10 x 10
10 x 10 x 10
10 x 10 x 10
10 x 10 x 12
10 x 10 x 12
68

10 x 10 x 10
10 x 10 x 10
10 x 10 x 12
12.5 x 12.5 x 13
100
8 x 8 x 10
10 x 10 x 10
10 x 10 x 10
10 x 10 x 12
12.5 x 12.5 x 13 12.5 x 12.5 x 16
10 x 10 x 12
12.5 x 12.5 x 13
150

10 x 10 x 10
10 x 10 x 12
12.5 x 12.5 x 13 12.5 x 12.5 x 16
16 x 16 x 16
220
8 x 8 x 10
10 x 10 x 10
10 x 10 x 12
12.5 x 12.5 x 13 12.5 x 12.5 x 16
16 x 16 x 16
16 x 16 x 21
18 x 18 x 16
330
10 x 10 x 10
10 x 10 x 12
12.5 x 12.5 x 13 12.5 x 12.5 x 16
16 x 16 x 16
16 x 16 x 21
18 x 18 x 21
18 x 18 x 16
470
10 x 10 x 12
12.5 x 12.5 x 13 12.5 x 12.5 x 16
16 x 16 x 16
16 x 16 x 16
18 x 18 x 21
-
680
12.5 x 12.5 x 13 12.5 x 12.5 x 16
16 x 16 x 16
16 x 16 x 16
18 x 18 x 16
-
-
820


16 x 16 x 21
-
-
1000
12.5 x 12.5 x 16
16 x 16 x 16
16 x 16 x 16
16 x 16 x 21
18 x 18 x 21
--
18 x 18 x 16
-
-
1200

18 x 18 x 16
18 x 18 x 21
-
-
-
1500
16 x 16 x 16
16 x 16 x 16
16 x 16 x 21
-
-
-
-
1800

18 x 18 x 21
-
-
-
-
2200
16 x 16 x 16
16 x 16 x 21
-
-
-
-
-
18 x 18 x 16
-
-
-
-
-
2700
18 x 18 x 21
-
-
-
-
-
3300
16 x 16 x 21
-
-
-
-
-
-
18 x 18 x 16
-
-
-
-
-
-
3900
18 x 18 x 21
-
-
-
-
-
-
4700
18 x 18 x 21
-
-
-
-
-
-
2-pin:
W
MAX.
W
MAX.
S
L
MAX.
L
MAX.
L1
MAX.
L
MAX.
B
H
MAX.
MAX. 0.3
D
4-pin:
H
MAX.
D
S
B
≤ Ø 10 mm
Ø 12.5 mm
MAX. 0.3
W
MAX.
H
MAX.
D
6-pin:
Ø 16 mm
S
B
MAX. 0.3
L1
MAX.
L1
MAX.


Similar Part No. - 99506E3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
995060 LITTELFUSE-995060 Datasheet
72Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
More results

Similar Description - 99506E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
146CTI VISHAY-146CTI_V01 Datasheet
142Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
01-Jan-2023
160CLA VISHAY-160CLA_16 Datasheet
143Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 14-Dec-16
146CTI VISHAY-146CTI_16 Datasheet
144Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 05-Dec-16
160CLA VISHAY-160CLA_V01 Datasheet
140Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
01-Jan-2023
146CTI VISHAY-146CTI_13 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
146CTI VISHAY-146CTI Datasheet
116Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 19-Jul-10
160CLA VISHAY-160CLA Datasheet
127Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 04-Dec-12
146CTI VISHAY-146CTI_11 Datasheet
134Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 10-May-11
160CLA VISHAY-160CLA_13 Datasheet
135Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
MAL214699106E3 VISHAY-MAL214699106E3 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 01-Oct-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com