Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C901U101MVWDBA7317 Datasheet(PDF) 9 Page - Kemet Corporation

Part # C901U101MVWDBA7317
Description  Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C901U101MVWDBA7317 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C901U101MVWDBA7317 Datasheet HTML 5Page - Kemet Corporation C901U101MVWDBA7317 Datasheet HTML 6Page - Kemet Corporation C901U101MVWDBA7317 Datasheet HTML 7Page - Kemet Corporation C901U101MVWDBA7317 Datasheet HTML 8Page - Kemet Corporation C901U101MVWDBA7317 Datasheet HTML 9Page - Kemet Corporation C901U101MVWDBA7317 Datasheet HTML 10Page - Kemet Corporation C901U101MVWDBA7317 Datasheet HTML 11Page - Kemet Corporation C901U101MVWDBA7317 Datasheet HTML 12Page - Kemet Corporation C901U101MVWDBA7317 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1068_X1_400 VAC_Y1_400 VAC • 1/13/2017
9
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
Table 2 – Performance & Reliability: Test Methods and Conditions cont'd
Item
Specification
Test Method
Passive Flammability
The burning time should not exceed 30
seconds.
The tissue paper should not ignite.
The capacitor under test is held into a flame and in a position
which best promotes burning. Each specimen is exposed to the
flame one time.
200
±5mm
45º
Test Specimen
About 10mm
Thick Board
Tissue
Time of exposure to flame:
Length of flame:
Gas burner length:
Inside diameter:
Outside diameter:
Gas butane gas purity:
30 seconds
12±1 mm
35 mm minimum
0.5±0.1 mm
0.9 mm maximum
95% minimum
Temperature
Cycle
Appearance
No visual defect
The capacitor is subjected to 5 temperature cycles.
Temperature Cycle
Step
Temperature (°C)
Dwell
Time
(minutes)
Transition
Time
(minutes)
1
−40 +0/−3
30
3
2
Room temperature
3
3
125 +3/−0
30
4
Room temperature
3
Pre-treatment: Capacitor shall be stored at 85±2 for 1 hour then
placed at room condition1 for 24±2 hours.
Post-treatment: Capacitor is stored for 1 to 2 hours at room
condition1.
Capacitance
Temperature
Characteristics
Capacitance
Change
SL
Within ±5%
Y5P
Within ±10%
Y5U, Y5V
Within ±20%
DF/Q
SL
≥30 pF: Q ≥ 350
<30 pF: Q ≥ 275
+5/2C
C = Nominal
capacitance
Y5P
DF ≤ 5%
Y5U, Y5V
DF ≤ 7.5%
IR
3,000 MΩ minimum
SL: 1,000 MΩ minimum
Dielectric
Strength
No failures
1
“Room Condition” is defined as follows: Temperature: 15 ~ 35°C/Humidity: 45 ~ 75%/Atmospheric Pressure: 86 ~ 106 kPa.


Similar Part No. - C901U101MVWDBA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C901U102MUVDCAWL35 KEMET-C901U102MUVDCAWL35 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_U, 1000 pF, 20%, Y5V, Lead Spacing = 10mm
C901U102MYVDBA7317 KEMET-C901U102MYVDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_Y, 1000 pF, 20%, Y5V, Lead Spacing = 10mm
More results

Similar Description - C901U101MVWDBA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C911U620JUSDAA7317 KEMET-C911U620JUSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 250 VAC (Industrial Grade)
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C961U222MWWDAA7317 KEMET-C961U222MWWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C771U472MSWDAA7301 KEMET-C771U472MSWDAA7301 Datasheet
1Mb / 18P
   Safety Standard Recognized, C700, Encapsulated, KJN Type, X1 440/760 VAC/Y1 250/400/500 VAC (Industrial Grade)
10/25/2022
C971U472MZWDAA7317 KEMET-C971U472MZWDAA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
C741U470JSSDBAWL50 KEMET-C741U470JSSDBAWL50 Datasheet
265Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 47 pF, 5%, 440 VAC (X1), 400 VAC (Y1), SL, Lead Spacing = 10mm
2/03/2023
C721U102MSWDAAWL25 KEMET-C721U102MSWDAAWL25 Datasheet
257Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 1000 pF, 20%, 440 VAC (X1), 400 VAC (Y1), Y5U, Lead Spacing = 10mm
2/03/2023
C721U101KSYDAAWL25 KEMET-C721U101KSYDAAWL25 Datasheet
257Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 100 pF, 10%, 440 VAC (X1), 400 VAC (Y1), Y5P, Lead Spacing = 10mm
2/03/2023
C731U681KSYDBAWL35 KEMET-C731U681KSYDBAWL35 Datasheet
265Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 680 pF, 10%, 440 VAC (X1), 400 VAC (Y1), Y5P, Lead Spacing = 10mm
2/03/2023
C781U472MSWDCAWL50 KEMET-C781U472MSWDCAWL50 Datasheet
264Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 4700 pF, 20%, 440 VAC (X1), 400 VAC (Y1), Y5U, Lead Spacing = 10mm
2/03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com