Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C951U101KVWDBA7317 Datasheet(PDF) 3 Page - Kemet Corporation

Part # C951U101KVWDBA7317
Description  Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C951U101KVWDBA7317 Datasheet(HTML) 3 Page - Kemet Corporation

  C951U101KVWDBA7317 Datasheet HTML 1Page - Kemet Corporation C951U101KVWDBA7317 Datasheet HTML 2Page - Kemet Corporation C951U101KVWDBA7317 Datasheet HTML 3Page - Kemet Corporation C951U101KVWDBA7317 Datasheet HTML 4Page - Kemet Corporation C951U101KVWDBA7317 Datasheet HTML 5Page - Kemet Corporation C951U101KVWDBA7317 Datasheet HTML 6Page - Kemet Corporation C951U101KVWDBA7317 Datasheet HTML 7Page - Kemet Corporation C951U101KVWDBA7317 Datasheet HTML 8Page - Kemet Corporation C951U101KVWDBA7317 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1068_X1_400 VAC_Y1_400 VAC • 1/13/2017
3
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
Lead Configurations
Straight
Vertical Kink
Outside Kink
D
T
LL
S
F
3.0
Maximum
D
T
LL
S
F
4.0 Maximum
3.0
Maximum
D
T
LL
S
F
5.0 Maximum
3.0
Maximum
Dimensions – Millimeters
Lead
Configuration
Lead
Configuration
Ordering Code1
S
Lead
Spacing
Tolerance
D
T
e
ØF
Lead
Spacing2
Body
Diameter2
Body
Thickness
Lead
Meniscus
Lead
Diameter
Straight
A
10.0
±1.0
See Table 1 -
"Product Ordering Codes
and Ratings"
3.0
maximum
0.55±0.1
Vertical Kink
(Preformed)
B
10.0
±1.0
Outside Kink
(Preformed)
C
10.0
±1.0
1
Lead Configuration is identified in the 13th character of the ordering code. See "Lead Configuration" and "Ordering Information" sections of this
document for further details.
2
Body diameter of capacitor will limit available lead spacing and packaging options. See "Product Ordering Codes and Ratings" sections of this
document for further details.


Similar Part No. - C951U101KVWDBA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C951U222KWDAA7317 KEMET-C951U222KWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C951U222KWDBA7317 KEMET-C951U222KWDBA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C951U222KWDCA7317 KEMET-C951U222KWDCA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C951U222MWDAA7317 KEMET-C951U222MWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C951U222MWDBA7317 KEMET-C951U222MWDBA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
More results

Similar Description - C951U101KVWDBA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C911U620JUSDAA7317 KEMET-C911U620JUSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 250 VAC (Industrial Grade)
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C961U222MWWDAA7317 KEMET-C961U222MWWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C771U472MSWDAA7301 KEMET-C771U472MSWDAA7301 Datasheet
1Mb / 18P
   Safety Standard Recognized, C700, Encapsulated, KJN Type, X1 440/760 VAC/Y1 250/400/500 VAC (Industrial Grade)
10/25/2022
C971U472MZWDAA7317 KEMET-C971U472MZWDAA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
C741U470JSSDBAWL50 KEMET-C741U470JSSDBAWL50 Datasheet
265Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 47 pF, 5%, 440 VAC (X1), 400 VAC (Y1), SL, Lead Spacing = 10mm
2/03/2023
C721U102MSWDAAWL25 KEMET-C721U102MSWDAAWL25 Datasheet
257Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 1000 pF, 20%, 440 VAC (X1), 400 VAC (Y1), Y5U, Lead Spacing = 10mm
2/03/2023
C721U101KSYDAAWL25 KEMET-C721U101KSYDAAWL25 Datasheet
257Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 100 pF, 10%, 440 VAC (X1), 400 VAC (Y1), Y5P, Lead Spacing = 10mm
2/03/2023
C731U681KSYDBAWL35 KEMET-C731U681KSYDBAWL35 Datasheet
265Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 680 pF, 10%, 440 VAC (X1), 400 VAC (Y1), Y5P, Lead Spacing = 10mm
2/03/2023
C781U472MSWDCAWL50 KEMET-C781U472MSWDCAWL50 Datasheet
264Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 4700 pF, 20%, 440 VAC (X1), 400 VAC (Y1), Y5U, Lead Spacing = 10mm
2/03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com