Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMPA29000 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # RMPA29000
Description  27-30 GHZ 1 Watt Power Amplifier MMIC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RMPA29000 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button RMPA29000 Datasheet HTML 2Page - Fairchild Semiconductor RMPA29000 Datasheet HTML 3Page - Fairchild Semiconductor RMPA29000 Datasheet HTML 4Page - Fairchild Semiconductor RMPA29000 Datasheet HTML 5Page - Fairchild Semiconductor RMPA29000 Datasheet HTML 6Page - Fairchild Semiconductor RMPA29000 Datasheet HTML 7Page - Fairchild Semiconductor RMPA29000 Datasheet HTML 8Page - Fairchild Semiconductor RMPA29000 Datasheet HTML 9Page - Fairchild Semiconductor RMPA29000 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
©2004 Fairchild Semiconductor Corporation
RMPA29000 Rev. D
C1
0.1
µF
C2
0.47
µF
LM2941T
U1A
7400
R1
3.0k
R3
1.0k
D2
D1N6098
+6V
D3
D1N6098
+2.62V
R4
1.2k
*
R2
6.8k
U2
0
C5
0.1
µF
MMIC_–VG
0
C3
22
µF
R6
1k
R5
3k
0
0
C4
0.1
µF
R7
8.2k
*Adj. For –Vg
–5V Off:
–5V Off:
+3.33V
+1.80V
*
0
0
0
R8
1.0k
0
1
2
3
0
4
2
1
5
3
–5V
MMIC_+VDD
CNT
IN
GND
OUT
ADJ
AD820/AD
+
V-
V+
Recommended Procedure for Biasing and Operation
CAUTION: LOSS OF GATE VOLTAGE (Vg) WHILE
DRAIN VOLTAGE (Vd) IS PRESENT MAY DAMAGE THE
AMPLIFIER CHIP.
The following sequence of steps must be followed to
properly test the amplifier.
Step 1: Turn off RF input power.
Step 2: Connect the DC supply grounds to the ground of
the chip carrier. Slowly apply negative gate bias supply
voltage of -1.5V to Vg.
Step 3: Slowly apply positive drain bias supply voltage of
+5V to Vd.
Step 4: Adjust gate bias voltage to set the quiescent
current of Idq = 700mA.
Step 5: After the bias condition is established, the RF input
signal may now be applied at the appropriate frequency
band.
Step 6: Follow turn-off sequence of:
(i) Turn off RF input power,
(ii) Turn down and off drain voltage (Vd),
(iii) Turn down and off gate bias voltage (Vg).
Note: An example auto bias sequencing circuit to apply
negative gate voltage and positive drain voltage for the
above procedure is shown below.


Similar Part No. - RMPA29000

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA29200 FAIRCHILD-RMPA29200 Datasheet
256Kb / 10P
   29-31 GHZ 2 Watt Power Amplifier MMIC
More results

Similar Description - RMPA29000

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-APH462 HITTITE-HMC-APH462_09 Datasheet
235Kb / 6P
   GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 15 - 27 GHz
HMC-APH462 HITTITE-HMC-APH462 Datasheet
236Kb / 6P
   GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 15 - 27 GHz
HMC693 HITTITE-HMC693 Datasheet
675Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 27 - 34 GHz
logo
Fairchild Semiconductor
RMPA27000 FAIRCHILD-RMPA27000 Datasheet
248Kb / 9P
   27-29 GHZ 1.8 Watt Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC-APH460 HITTITE-HMC-APH460 Datasheet
226Kb / 6P
   GaAs HEMT MMIC 0.5 WATT POWER AMPLIFIER, 27 - 31.5 GHz
logo
Fairchild Semiconductor
RMPA39100 FAIRCHILD-RMPA39100 Datasheet
473Kb / 10P
   37-40 GHz 1 Watt Power Amplifier MMIC
logo
Alpha Industries
AA028P1-00 ALPHA-AA028P1-00 Datasheet
139Kb / 2P
   27-29 GHz GaAs MMIC Power Amplifier
logo
TriQuint Semiconductor
TGA1073B-SCC TRIQUINT-TGA1073B-SCC Datasheet
437Kb / 7P
   27- 32 GHz 0.7 Watt Power Amplifier
TGA1073B-SCC TRIQUINT-TGA1073B-SCC_15 Datasheet
441Kb / 7P
   27 32 GHz 0.7 Watt Power Amplifier
TGA1082B TRIQUINT-TGA1082B Datasheet
405Kb / 3P
   27- 32 GHz 1.5 Watt Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com