Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7581IREZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL7581IREZ
Description  3-Channel DC-DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7581IREZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL7581IREZ Datasheet HTML 2Page - Intersil Corporation EL7581IREZ Datasheet HTML 3Page - Intersil Corporation EL7581IREZ Datasheet HTML 4Page - Intersil Corporation EL7581IREZ Datasheet HTML 5Page - Intersil Corporation EL7581IREZ Datasheet HTML 6Page - Intersil Corporation EL7581IREZ Datasheet HTML 7Page - Intersil Corporation EL7581IREZ Datasheet HTML 8Page - Intersil Corporation EL7581IREZ Datasheet HTML 9Page - Intersil Corporation EL7581IREZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
FIGURE 7. LOAD REGULATION
FIGURE 8. LOAD REGULATION
FIGURE 9. VON vs ION
FIGURE 10. VOFF vs IOFF
FIGURE 11. FS vs ROSC
FIGURE 12. SWITCHING PERIOD vs ROSC
Typical Performance Curves (Continued)
4
3
2
0
-2
50
250
450
650
850
1050
IOUT (mA)
9V
12V
1
15V
-1
VIN = 3.3V
FS = 700kHz
5V
3
2.5
2
1
-1
-1.5
-2
50
250
450
650
850
1050
IOUT (mA)
9V
12V
1.5
-0.5
15V
0
VIN=5V
FS = 700kHz
0.5
20
19
18
17
16
15
14
0
10
2030
40
50
6070
80
ILOAD (mA)
VDDP = 15V
VDDP = 12V
ILOAD (mA)
6.5
6
5.5
5
4.5
4
3.5
0
10
20
304050
60
70
80
VDDN = 15V
VDDN = 12V
f(MHz) = 1/(0.0118 ROSC + 0.378)
1400
1000
800
400
0
0
50
100
200
450
ROSC (kΩ)
150
300
600
200
400
1200
250
350
SWITCHING PERIOD (µs) = 0.0118 ROSC + 0.378
6
4
3
1
0
0
50
100
200
450
ROSC (kΩ)
150
300
2
400
5
250
350
EL7581


Similar Part No. - EL7581IREZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7581IREZ INTERSIL-EL7581IREZ Datasheet
505Kb / 17P
   3-Channel DC/DC Converter
logo
Renesas Technology Corp
EL7581IREZ RENESAS-EL7581IREZ Datasheet
813Kb / 17P
   3-Channel DC/DC Converter
logo
Intersil Corporation
EL7581IREZ-T13 INTERSIL-EL7581IREZ-T13 Datasheet
505Kb / 17P
   3-Channel DC/DC Converter
logo
Renesas Technology Corp
EL7581IREZ-T13 RENESAS-EL7581IREZ-T13 Datasheet
813Kb / 17P
   3-Channel DC/DC Converter
logo
Intersil Corporation
EL7581IREZ-T7 INTERSIL-EL7581IREZ-T7 Datasheet
505Kb / 17P
   3-Channel DC/DC Converter
More results

Similar Description - EL7581IREZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7583IR INTERSIL-EL7583IR Datasheet
526Kb / 16P
   3-Channel DC/DC Converter
logo
Renesas Technology Corp
EL7583 RENESAS-EL7583 Datasheet
822Kb / 16P
   3-Channel DC/DC Converter
logo
Intersil Corporation
EL7583IR INTERSIL-EL7583IR Datasheet
526Kb / 16P
   3-Channel DC/DC Converter
May 12, 2006
logo
Renesas Technology Corp
EL7581 RENESAS-EL7581 Datasheet
813Kb / 17P
   3-Channel DC/DC Converter
logo
Intersil Corporation
EL7581 INTERSIL-EL7581_06 Datasheet
505Kb / 17P
   3-Channel DC/DC Converter
EL7583 INTERSIL-EL7583 Datasheet
778Kb / 15P
   3-Channel DC-DC Converter
EL7583 INTERSIL-EL7583_06 Datasheet
523Kb / 16P
   3-Channel DC/DC Converter
logo
Advanced Analogic Techn...
AAT2785 ANALOGICTECH-AAT2785 Datasheet
635Kb / 22P
   3-Channel Step-Down DC/DC Converter
AAT2784 ANALOGICTECH-AAT2784 Datasheet
693Kb / 21P
   3-Channel Step-Down DC/DC Converter
logo
List of Unclassifed Man...
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com