Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REJ03F0023_M61140FP Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # REJ03F0023_M61140FP
Description  TUNER SINGLE CHIP
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

REJ03F0023_M61140FP Datasheet(HTML) 4 Page - Hitachi Semiconductor

  REJ03F0023_M61140FP Datasheet HTML 1Page - Hitachi Semiconductor REJ03F0023_M61140FP Datasheet HTML 2Page - Hitachi Semiconductor REJ03F0023_M61140FP Datasheet HTML 3Page - Hitachi Semiconductor REJ03F0023_M61140FP Datasheet HTML 4Page - Hitachi Semiconductor REJ03F0023_M61140FP Datasheet HTML 5Page - Hitachi Semiconductor REJ03F0023_M61140FP Datasheet HTML 6Page - Hitachi Semiconductor REJ03F0023_M61140FP Datasheet HTML 7Page - Hitachi Semiconductor REJ03F0023_M61140FP Datasheet HTML 8Page - Hitachi Semiconductor REJ03F0023_M61140FP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
M61140FP
Rev.1.2, Apr.16.2004, page 4 of 28
Pin Description
Pin No.
Pin name
Function
Circuit Diagram
1
VIDEO DET
OUT
Video detected output terminal.
SIF trap and SIF B.P.F. are
connected to this terminal.
Because of open emitter
configuration, an externally
connected drive resistor is
necessary.
1
33
50
2
Vreg
Regulated voltage output.
Approximately 3V output.
2
33
9.9K
6.2K
50
3
RF AGC
DELAY
RF AGC terminal. This terminal
combine 4.5MHz SIF signal
input with set up the RF AGC
delay point. The RF AGC delay
point is set up by the DC
component of input signal. AC
component is FM detection
threw the limiter amplifier.
3
33
5.1K
40
40p
43K
15p
4
IF AGC 2
IF AGC 2 terminal
44
IF AGC 1
IF AGC 2 terminal. External
capacitor effects AGC speed.
When this terminal is grounded,
the effect of VIF amp gain
becomes minimum.
44
4
33
50
10K
2.5K


Similar Part No. - REJ03F0023_M61140FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
REJ03F0010_M61529FP HITACHI-REJ03F0010_M61529FP Datasheet
442Kb / 24P
   Audio Signal Processor with Surround
logo
List of Unclassifed Man...
REJ03F0034_M61522FP ETC-REJ03F0034_M61522FP Datasheet
229Kb / 18P
   8ch ELECTRONIC VOLUME WITH 8 INPUT SELECTOR
logo
Hitachi Semiconductor
REJ03F0035_M61524FP HITACHI-REJ03F0035_M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
REJ03F0040_M61528FP HITACHI-REJ03F0040_M61528FP Datasheet
306Kb / 31P
   SCF TYPE FIXED EQUALIZER FOR CAR AUDIO
REJ03F0041_M61532FP HITACHI-REJ03F0041_M61532FP Datasheet
245Kb / 15P
   8ch Electronic Volume with 9 Input Selector
More results

Similar Description - REJ03F0023_M61140FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61140FP RENESAS-M61140FP Datasheet
760Kb / 28P
   Tuner Single Chip
M61130FP RENESAS-M61130FP Datasheet
5Mb / 12P
   TUNER SINGLE CHIP
logo
Microtune,Inc
MT2068 MICROTUNE-MT2068 Datasheet
106Kb / 2P
   SINGLE-CHIP BROADBAND TUNER
MT2011 MICROTUNE-MT2011 Datasheet
79Kb / 2P
   SINGLE-CHIP BROADBAND TUNER
MT2063 MICROTUNE-MT2063 Datasheet
78Kb / 2P
   SINGLE-CHIP UNIVERSAL TUNER
logo
ON Semiconductor
LA1787M ONSEMI-LA1787M Datasheet
617Kb / 54P
   Single-Chip Tuner IC
January, 2011
logo
Sanyo Semicon Device
LA1851N SANYO-LA1851N Datasheet
391Kb / 16P
   DTS Single-chip Tuner IC
logo
Zarlink Semiconductor I...
SL1935 ZARLINK-SL1935 Datasheet
415Kb / 23P
   Single Chip Synthesized Zero IF Tuner
logo
Sanyo Semicon Device
LA1888NM SANYO-LA1888NM Datasheet
2Mb / 65P
   Car Stereo Single-Chip Tuner IC
LA1867NM SANYO-LA1867NM Datasheet
941Kb / 32P
   Car Radio Single-Chip Tuner System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com