Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSDMTX-5V2-EVM Datasheet(PDF) 2 Page - Semtech Corporation

Part # TSDMTX-5V2-EVM
Description  Wireless Charging Transmitter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TSDMTX-5V2-EVM Datasheet(HTML) 2 Page - Semtech Corporation

  TSDMTX-5V2-EVM Datasheet HTML 1Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 2Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 3Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 4Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 5Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 6Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 7Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 8Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
User Guide
www.semtech.com
1 of 23
TSDMTX-5V2-EVM
Rev1.0
Introduction
The Semtech TSDMTX-5V2-EVM is an evaluation platform for test and experimentation of a wireless
charging transmitter based on the Semtech TS80000 Wireless Power Transmitter Controller, TS61001
Full-Bridge FET Driver, and TS31023 Linear Regulator. This evaluation module provides a complete
system solution for both Qi and PMA standards of power transmission, making this transmitter an ideal
platform for powering the majority of wireless receivers in use today.
Objectives
The objective of this User Guide is to provide a fast, easy and thorough method to experiment with and
evaluate the Semtech solutions for wireless charging systems. Sufficient information is provided to
support the engineer in all aspects of adding wireless charging support to their products. Semtech offers
a range of solutions to meet the needs of a wide range of system developers. Developers are provided
with all the information on how this EVM was built as a starting point for their own designs using the
TS80000 and other Semtech components.
Feature Content
Vin=5V or 9V
WPC1.2 / PMA SR1E 1-COIL
5W output
QC2.0/3.0 adaptor, 9W output
Table of Contents
Wireless Charging Concepts....................................................................................................2
Product Description .................................................................................................................3
Standard Use ..........................................................................................................................5
Firmware Management ............................................................................................................9
FOD Test...............................................................................................................................10
Documentation ......................................................................................................................11
A.
Block Diagram............................................................................................................11
B.
Schematic ..................................................................................................................12
C.
Bill Of Materials “BOM”...............................................................................................16
D.
Board Layout..............................................................................................................17
E.
Board Layers..............................................................................................................18
FAQs .....................................................................................................................................21
Next Steps.............................................................................................................................22


Similar Part No. - TSDMTX-5V2-EVM

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TSDMTX-5V-EVM SEMTECH-TSDMTX-5V-EVM Datasheet
475Kb / 10P
   Full-bridge FET Driver
More results

Similar Description - TSDMTX-5V2-EVM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IWTX55R0DZEB8R9KF1 VISHAY-IWTX55R0DZEB8R9KF1 Datasheet
79Kb / 2P
   Wireless Charging Transmitter Coil / Shield
IWTX5547EEEB8R5KF1 VISHAY-IWTX5547EEEB8R5KF1 Datasheet
83Kb / 2P
   Wireless Charging Transmitter Coil / Shield
IWTX4646DCEB240JF1 VISHAY-IWTX4646DCEB240JF1 Datasheet
82Kb / 2P
   Wireless Charging Transmitter Coil / Shield
IWTXA653FZEB120KF3 VISHAY-IWTXA653FZEB120KF3 Datasheet
93Kb / 2P
   Wireless Charging Transmitter Coil / Shield
IWTX9955DEEB110KF3 VISHAY-IWTX9955DEEB110KF3_V01 Datasheet
87Kb / 2P
   Wireless Charging Transmitter Coil / Shield
01-Jan-2022
IWTX55R0DZEB8R9KF1 VISHAY-IWTX55R0DZEB8R9KF1_V01 Datasheet
64Kb / 2P
   Wireless Charging Transmitter Coil / Shield
01-Jan-2022
IWTX-47R0BE-11 VISHAY-IWTX-47R0BE-11 Datasheet
83Kb / 2P
   Wireless Charging Transmitter Coil/Shield
Revision: 02-Feb-17
IWTX9955DEEB110KF3 VISHAY-IWTX9955DEEB110KF3 Datasheet
102Kb / 2P
   Wireless Charging Transmitter Coil / Shield
IWTX5050FEEB100KF1 VISHAY-IWTX5050FEEB100KF1 Datasheet
73Kb / 2P
   Wireless Charging Transmitter Coil / Shield
IWTX5050DZEB6R3KF1 VISHAY-IWTX5050DZEB6R3KF1 Datasheet
74Kb / 2P
   Wireless Charging Transmitter Coil / Shield
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com