Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSDMTX-5V2-EVM Datasheet(PDF) 8 Page - Semtech Corporation

Part # TSDMTX-5V2-EVM
Description  Wireless Charging Transmitter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TSDMTX-5V2-EVM Datasheet(HTML) 8 Page - Semtech Corporation

Back Button TSDMTX-5V2-EVM Datasheet HTML 4Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 5Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 6Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 7Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 8Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 9Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 10Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 11Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
User Guide
www.semtech.com
7 of 23
TSDMTX-5V2-EVM
Rev1.0
Observe Coil Signals
The following information is not required in order to use the EVM, as what can be observed below is
entirely managed by the Semtech TS80000 Wireless Controller. However, it allows the observer an
opportunity to see how the receiver and transmitter actively manage the wireless power process.
If you wish to observe the intrinsic wireless process, place an oscilloscope probe on one antenna lead,
with the probe ground run to the board ground (one of the fastener screws will suffice). Be sure the scope
can handle signals up to 100 volts. While the EVM power supply is only 5 volts, the antenna is part of a
resonant circuit where considerably higher voltages are developed.
To observe the search ping, apply power to the transmitter and remove the receiver from the target zone.
The scope should display a ‘chirp’ of 0.5 to 1mSec in duration with an initial peak of 10 to 20 volts. The
frequency within the envelope of the chirp is in the 100-150 kHz range, which is the normal range of Qi
and PMA systems.
Next, place the receiver on the transmitter target. With the scope set to 0.5 to 1 uSec and 10 to 20 volts
per division, you should observe a signal that is a composite of the sinusoidal power signal with a digital
‘notch’ in the sinewave which is produced by the communication between the receiver and transmitter.
Note as you vary the load and the location of the receiver on the target that the amplitude and frequency
of the coil signal changes. The greater the load, the more signal is sent to transfer the power required by
the load. Similarly, the less well coupled the receiver antenna is to the transmitter coil, the more power
must be sent to compensate for the inefficient misalignment. You may note voltages near 140 volts peak-
to-peak in the most demanding conditions.
Measure Efficiency
By measuring the power from the receiver’s VOUT+ and VOUT- pins in comparison to the power entering
the transmitter EVM, you can determine the efficiency of the power transfer through the system. The
diagram below, for EVMs similar to those used here, demonstrates efficiency is a function of output
current, and runs about 75% beyond the mid-power point, assuring good efficiency and minimal heat
dissipation concerns.
With normal USB2.0 input, TSDMTX-5V2-EVM will work PMA, it can carry up to 5W.
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
5Voutput Rx current load(A)
Efficiency VS Rx load
Vin=5V


Similar Part No. - TSDMTX-5V2-EVM

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TSDMTX-5V-EVM SEMTECH-TSDMTX-5V-EVM Datasheet
475Kb / 10P
   Full-bridge FET Driver
More results

Similar Description - TSDMTX-5V2-EVM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IWTX55R0DZEB8R9KF1 VISHAY-IWTX55R0DZEB8R9KF1 Datasheet
79Kb / 2P
   Wireless Charging Transmitter Coil / Shield
IWTX5547EEEB8R5KF1 VISHAY-IWTX5547EEEB8R5KF1 Datasheet
83Kb / 2P
   Wireless Charging Transmitter Coil / Shield
IWTX4646DCEB240JF1 VISHAY-IWTX4646DCEB240JF1 Datasheet
82Kb / 2P
   Wireless Charging Transmitter Coil / Shield
IWTXA653FZEB120KF3 VISHAY-IWTXA653FZEB120KF3 Datasheet
93Kb / 2P
   Wireless Charging Transmitter Coil / Shield
IWTX9955DEEB110KF3 VISHAY-IWTX9955DEEB110KF3_V01 Datasheet
87Kb / 2P
   Wireless Charging Transmitter Coil / Shield
01-Jan-2022
IWTX55R0DZEB8R9KF1 VISHAY-IWTX55R0DZEB8R9KF1_V01 Datasheet
64Kb / 2P
   Wireless Charging Transmitter Coil / Shield
01-Jan-2022
IWTX-47R0BE-11 VISHAY-IWTX-47R0BE-11 Datasheet
83Kb / 2P
   Wireless Charging Transmitter Coil/Shield
Revision: 02-Feb-17
IWTX9955DEEB110KF3 VISHAY-IWTX9955DEEB110KF3 Datasheet
102Kb / 2P
   Wireless Charging Transmitter Coil / Shield
IWTX5050FEEB100KF1 VISHAY-IWTX5050FEEB100KF1 Datasheet
73Kb / 2P
   Wireless Charging Transmitter Coil / Shield
IWTX5050DZEB6R3KF1 VISHAY-IWTX5050DZEB6R3KF1 Datasheet
74Kb / 2P
   Wireless Charging Transmitter Coil / Shield
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com