Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSDMTX-5V2-EVM Datasheet(PDF) 4 Page - Semtech Corporation

Part # TSDMTX-5V2-EVM
Description  Wireless Charging Transmitter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TSDMTX-5V2-EVM Datasheet(HTML) 4 Page - Semtech Corporation

  TSDMTX-5V2-EVM Datasheet HTML 1Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 2Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 3Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 4Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 5Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 6Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 7Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 8Page - Semtech Corporation TSDMTX-5V2-EVM Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
User Guide
www.semtech.com
3 of 23
TSDMTX-5V2-EVM
Rev1.0
Product Description
The TSDMTX-5V2-EVM Evaluation Module is a ready-to-use demonstration platform allowing testing of
up to 5 watts of wireless power transmission compliant with the dominant industry standards – Qi and
PMA.
The transmitter may be coupled with any Qi or PMA receiver module to form a complete wireless power
transmission system. For the system designer, a likely choice might be the complementary Semtech
TSDMRX-5W-EVM, which can allow a variety of experiments to easily be performed in order to learn
more about the behavior of the system.
There are a number of other Semtech Receiver EVMs that support different power levels and output
voltages, any of which can be used as all support the Qi and/or PMA standard and therefore are
compatible with the TSDMTX-5V2-EVM transmitter.
In addition, the evaluator can also use any existing Qi or PMA compliant product, though the limited
access these devices offer may make the range of experiments that can be performed more limited.
Those who wish to develop their own board, or integrate this functionality into an existing system can use
the EVM as a starting point for their design, as it demonstrates a working model from which to proceed.
Toward this end, all documentation for the EVM is provided to make the process as efficient as possible.
The key technology in the EVM is the Semtech TS80000 integrated circuit, which controls the system and
implements the Qi and PMA protocols. Developers can vary the supporting componentry to meet their
goals as desired.
In this user guide, an introduction will be provided to the evaluator for how to use the EVM for wireless
power transmission as well as how the TSDMRX-5W-EVM can be used in conjunction with it.
Once the system is set up and working, a selection of tests and activities will be described that the
evaluator can choose to perform.
LED Behavior
The red and green LEDs on the EVM let the user know what the transmitter is doing as it operates. As
seen in the diagram below, when power is applied, the transmitter initializes as indicated by the green
LED lighting for about a half second. Next, as the transmitter searches for a nearby receiver, no LED is lit,
keeping power to a minimum in this standby state. When a receiver is located the transmitter receives


Similar Part No. - TSDMTX-5V2-EVM

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TSDMTX-5V-EVM SEMTECH-TSDMTX-5V-EVM Datasheet
475Kb / 10P
   Full-bridge FET Driver
More results

Similar Description - TSDMTX-5V2-EVM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IWTX55R0DZEB8R9KF1 VISHAY-IWTX55R0DZEB8R9KF1 Datasheet
79Kb / 2P
   Wireless Charging Transmitter Coil / Shield
IWTX5547EEEB8R5KF1 VISHAY-IWTX5547EEEB8R5KF1 Datasheet
83Kb / 2P
   Wireless Charging Transmitter Coil / Shield
IWTX4646DCEB240JF1 VISHAY-IWTX4646DCEB240JF1 Datasheet
82Kb / 2P
   Wireless Charging Transmitter Coil / Shield
IWTXA653FZEB120KF3 VISHAY-IWTXA653FZEB120KF3 Datasheet
93Kb / 2P
   Wireless Charging Transmitter Coil / Shield
IWTX9955DEEB110KF3 VISHAY-IWTX9955DEEB110KF3_V01 Datasheet
87Kb / 2P
   Wireless Charging Transmitter Coil / Shield
01-Jan-2022
IWTX55R0DZEB8R9KF1 VISHAY-IWTX55R0DZEB8R9KF1_V01 Datasheet
64Kb / 2P
   Wireless Charging Transmitter Coil / Shield
01-Jan-2022
IWTX-47R0BE-11 VISHAY-IWTX-47R0BE-11 Datasheet
83Kb / 2P
   Wireless Charging Transmitter Coil/Shield
Revision: 02-Feb-17
IWTX9955DEEB110KF3 VISHAY-IWTX9955DEEB110KF3 Datasheet
102Kb / 2P
   Wireless Charging Transmitter Coil / Shield
IWTX5050FEEB100KF1 VISHAY-IWTX5050FEEB100KF1 Datasheet
73Kb / 2P
   Wireless Charging Transmitter Coil / Shield
IWTX5050DZEB6R3KF1 VISHAY-IWTX5050DZEB6R3KF1 Datasheet
74Kb / 2P
   Wireless Charging Transmitter Coil / Shield
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com