Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS3140-INE3 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS3140-INE3
Description  Multi-Rate Adaptive 3G SDI Equalizer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3140-INE3 Datasheet(HTML) 1 Page - Semtech Corporation

  GS3140-INE3 Datasheet HTML 1Page - Semtech Corporation GS3140-INE3 Datasheet HTML 2Page - Semtech Corporation GS3140-INE3 Datasheet HTML 3Page - Semtech Corporation GS3140-INE3 Datasheet HTML 4Page - Semtech Corporation GS3140-INE3 Datasheet HTML 5Page - Semtech Corporation GS3140-INE3 Datasheet HTML 6Page - Semtech Corporation GS3140-INE3 Datasheet HTML 7Page - Semtech Corporation GS3140-INE3 Datasheet HTML 8Page - Semtech Corporation GS3140-INE3 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1 of 40
Semtech
Proprietary & Confidential
GS3140
Final Data Sheet
Rev.1
PDS-060939
May 2015
GS3140
Multi-Rate Adaptive 3G SDI
Equalizer
www.semtech.com
Key Features
Multi-standard operation at rates between 1Mb/s and
2.97Gb/s
SMPTE ST 424, SMPTE ST 292 and SMPTE ST 259
compliant
AES10 (MADI) compatible
Industry leading cable reach, with automatic cable
equalization for different lengths of cable
Performance optimized for 125Mb/s, 270Mb/s,
1.485Gb/s, and 2.97Gb/s. Typical equalized length of
Belden 1694A cable up to:
200m at 2.97Gb/s
280m at 1.485Gb/s
500m at 270Mb/s
1.8V core power supply
Typical power consumption of 84mW when
DC-coupled at 1.2V with OUTPUT_SWING = 0011b
(see Table 4-2)
Ultra-low power mode for shorter cable reach
applications
Upstream launch swing compensation from 250mVppd
to 1Vppd in approximately 50mVppd steps (Default
750mVppd)
Auto/Manual bypass (useful for low data rates with
slow rise/fall times)
Robust, noise-immune signal detection with squelch
threshold adjustment
Auto/Manual control of SLEEP/MUTE/DISABLE OUTPUT
modes
Data Rate detection and indication
<MADI, MADI, SD, HD, 3G differentiation
Digital cable length indication (CLI)
Differential output supports DC-coupling from
1.2V to 2.5V CML logic and AC-coupling for other logic
families
Programmable/Rate-dependent output de-emphasis
level and delay
Host interface for status and control
3kV HBM ESD protection on all pins
Wide operating temperature range of -40ºC to +85ºC
Small footprint QFN–COL package
(16-pin, 4mm x 4mm)
Pb-free and RoHS compliant
Pin-compatible with the GS6140
Applications
SMPTE ST 424, SMPTE ST 292, SMPTE ST 259 and AES10
coaxial cable serial digital interfaces
Description
The GS3140 is a high-speed BiCMOS device designed to
equalize and restore signals received over cable.
The device is designed to support SMPTE ST 424, SMPTE ST
292, SMPTE ST 259 and AES10 (MADI), and it is optimized
for performance at 125Mb/s, 270Mb/s, 1.485Gb/s, and
2.97Gb/s.
The device supports MADI serial signals at 125Mb/s with
peak-to-peak launch amplitude between 300mVppd and
600mVppd (with AES10 spec rise and fall times) and
800mVppd±10% (with SD-SDI rise and fall times).
The GS3140 features DC restoration to compensate for the
DC content of SMPTE pathological signals.
Loss of Signal (LOS) is detected when the input carrier is lost
or signal amplitude falls below a programmable threshold.
This is further processed by a filter programmable up to
1.6s before LOS status is asserted. The device can be
programmed to automatically sleep/mute/disable the
output on loss of signal.
An interrupt pin (INT) indicates LOS by default, and can be
programmed to signal various other statuses.
When the BYPASS control bit is set, the equalizing and DC
restore stages are disengaged. This is useful for signals
launched at the source with low data rates and/or slow rise
and fall times.


Similar Part No. - GS3140-INE3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
logo
Gennum Corporation
GS3140 GENNUM-GS3140 Datasheet
1Mb / 40P
   Digital cable length indication
More results

Similar Description - GS3140-INE3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
logo
Gennum Corporation
GS1524 GENNUM-GS1524_11 Datasheet
1Mb / 16P
   Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS3241 SEMTECH-GS3241 Datasheet
4Mb / 108P
   3G-SDI Re-timing Adaptive Cable Equalizer
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
[Old version datasheet]   3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
Semtech Corporation
GS6140 SEMTECH-GS6140 Datasheet
244Kb / 3P
   Multi-Rate 6G UHD-SDI Equalizer
GS3471 SEMTECH-GS3471 Datasheet
5Mb / 179P
   3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS3590 SEMTECH-GS3590 Datasheet
4Mb / 118P
   Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com