Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C931U101JVWDAA7317 Datasheet(PDF) 4 Page - Kemet Corporation

Part # C931U101JVWDAA7317
Description  Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C931U101JVWDAA7317 Datasheet(HTML) 4 Page - Kemet Corporation

  C931U101JVWDAA7317 Datasheet HTML 1Page - Kemet Corporation C931U101JVWDAA7317 Datasheet HTML 2Page - Kemet Corporation C931U101JVWDAA7317 Datasheet HTML 3Page - Kemet Corporation C931U101JVWDAA7317 Datasheet HTML 4Page - Kemet Corporation C931U101JVWDAA7317 Datasheet HTML 5Page - Kemet Corporation C931U101JVWDAA7317 Datasheet HTML 6Page - Kemet Corporation C931U101JVWDAA7317 Datasheet HTML 7Page - Kemet Corporation C931U101JVWDAA7317 Datasheet HTML 8Page - Kemet Corporation C931U101JVWDAA7317 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1068_X1_400 VAC_Y1_400 VAC • 1/13/2017
4
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
Approval Standard and Certification No.
Safety Standard
Standard No.
Subclass
Working Voltage
Certificate No.
VDE
(ENEC)
IEC 60384–14
X1
400 VAC
40036417
Y1
400 VAC
UL
CAN/CSA
UL 60384–14 and
E60384–14
X1
400 VAC
E356389
Y1
400 VAC
These devices are VDE/ENEC and UL recognized for antenna coupling and AC line-to-line (Class X) and line-to-ground (Class Y) applications per
IEC60384–14 and UL 60384–14.
Environmental Compliance
These devices are Halogen free and RoHS Compliant. They meet all requirements set forth by both EU and China RoHS
directives.
General Specifications/Performance Characteristics
Dielectric/Temperature Characteristic
SL
Y5P
Y5U
Y5V
Operating Temperature Range:
−40°C to +125°C
Capacitance Change with Reference to
+25°C and 0 VDC Applied (TCC):
−1,000 ~ +350 ppm/
ºC
±10%
+20%/−55%
~ +30%/−80%
Dielectric Withstanding Voltage
4,000 VAC
(60±5 seconds at 25ºC)
Quality Factor (Q)
30 pF and above:
≥ 1,000
Below 30 pF: ≥ 400
+(20xC)*
See “Dissipation Factor”
Dissipation Factor (tanδ) at +25ºC1
See “Quality Factor”
2.50%
2.50%
5.0%
Insulation Resistance (IR) Limit at +25°C
10,000 MΩ Minimum
(500 VDC applied for 60±5 seconds at 25°C)
* C = Nominal capacitance
1
Capacitance and Dissipation Factor (DF) measured under the following conditions:
SL: 1 MHz ±100 kHz and 1.0 ±0.2 Vrms
X5P, Y5U and Y5V: 1 kHz ±50 Hz and 1.0 ±0.2 Vrms
Note: When measuring capacitance, it is important to ensure the set voltage level is held constant. The HP4284 and Agilent E4980 have a feature known
as Automatic Level Control (ALC). The ALC feature should be switched to "ON."


Similar Part No. - C931U101JVWDAA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C931U222KWDAA7317 KEMET-C931U222KWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C931U222KWDBA7317 KEMET-C931U222KWDBA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C931U222KWDCA7317 KEMET-C931U222KWDCA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C931U222MUWDBA7317 KEMET-C931U222MUWDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_U, 2200 pF, 20%, Y5U, Lead Spacing = 10mm
C931U222MVWDBA7317 KEMET-C931U222MVWDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_V, 2200 pF, 20%, Y5U, Lead Spacing = 10mm
More results

Similar Description - C931U101JVWDAA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C911U620JUSDAA7317 KEMET-C911U620JUSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 250 VAC (Industrial Grade)
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C961U222MWWDAA7317 KEMET-C961U222MWWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C771U472MSWDAA7301 KEMET-C771U472MSWDAA7301 Datasheet
1Mb / 18P
   Safety Standard Recognized, C700, Encapsulated, KJN Type, X1 440/760 VAC/Y1 250/400/500 VAC (Industrial Grade)
10/25/2022
C971U472MZWDAA7317 KEMET-C971U472MZWDAA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
C741U470JSSDBAWL50 KEMET-C741U470JSSDBAWL50 Datasheet
265Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 47 pF, 5%, 440 VAC (X1), 400 VAC (Y1), SL, Lead Spacing = 10mm
2/03/2023
C721U102MSWDAAWL25 KEMET-C721U102MSWDAAWL25 Datasheet
257Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 1000 pF, 20%, 440 VAC (X1), 400 VAC (Y1), Y5U, Lead Spacing = 10mm
2/03/2023
C721U101KSYDAAWL25 KEMET-C721U101KSYDAAWL25 Datasheet
257Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 100 pF, 10%, 440 VAC (X1), 400 VAC (Y1), Y5P, Lead Spacing = 10mm
2/03/2023
C731U681KSYDBAWL35 KEMET-C731U681KSYDBAWL35 Datasheet
265Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 680 pF, 10%, 440 VAC (X1), 400 VAC (Y1), Y5P, Lead Spacing = 10mm
2/03/2023
C781U472MSWDCAWL50 KEMET-C781U472MSWDCAWL50 Datasheet
264Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 4700 pF, 20%, 440 VAC (X1), 400 VAC (Y1), Y5U, Lead Spacing = 10mm
2/03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com