Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAR64-05W Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BAR64-05W
Description  Silicon PIN Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR64-05W Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BAR64-05W Datasheet HTML 3Page - Infineon Technologies AG BAR64-05W Datasheet HTML 4Page - Infineon Technologies AG BAR64-05W Datasheet HTML 5Page - Infineon Technologies AG BAR64-05W Datasheet HTML 6Page - Infineon Technologies AG BAR64-05W Datasheet HTML 7Page - Infineon Technologies AG BAR64-05W Datasheet HTML 8Page - Infineon Technologies AG BAR64-05W Datasheet HTML 9Page - Infineon Technologies AG BAR64-05W Datasheet HTML 10Page - Infineon Technologies AG BAR64-05W Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
2013-06-10
7
BAR64...
Permissible Puls Load RthJS = ƒ (tp)
BAR64-02V
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
IFmax/ IFDC = ƒ (tp)
BAR64-02V
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
1
s
tp
0
10
1
10
2
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Puls Load RthJS = ƒ (tp)
BAR64-04, BAR64-05, BAR64-06
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tP
-1
10
0
10
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
IFmax/ IFDC = ƒ (tp)
BAR64-04, BAR64-05, BAR64-06
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tP
0
10
1
10
2
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5


Similar Part No. - BAR64-05W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR64-05W SIEMENS-BAR64-05W Datasheet
48Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
logo
Infineon Technologies A...
BAR64-05W INFINEON-BAR64-05W Datasheet
494Kb / 9P
   Silicon PIN Diode
Feb-14-2003
BAR64-05W INFINEON-BAR64-05W Datasheet
269Kb / 16P
   Silicon PIN Diode
2007-12-11
BAR64-05W INFINEON-BAR64-05W Datasheet
1,011Kb / 16P
   High voltage current controlled RF resistor for RF attenuator and switches
2011-07-18
BAR64-05W INFINEON-BAR64-05W Datasheet
1Mb / 15P
   Silicon PIN Diode
2013-06-10
More results

Similar Description - BAR64-05W

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com