Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1013M-20 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1013M-20
Description  3-in-1 Silicon Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1013M-20 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1013M-20 Datasheet HTML 1Page - Dallas Semiconductor DS1013M-20 Datasheet HTML 2Page - Dallas Semiconductor DS1013M-20 Datasheet HTML 3Page - Dallas Semiconductor DS1013M-20 Datasheet HTML 4Page - Dallas Semiconductor DS1013M-20 Datasheet HTML 5Page - Dallas Semiconductor DS1013M-20 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DS1013
5 of 6
NOTES:
1. All voltages are referenced to ground.
2. Measured with outputs open.
3. VCC = 5V @ 25°C. Delays accurate on both rising and falling edges within ±2 ns for -10 to -60, ±3%
for -70 to 100 and ±5% for -150 and longer delays.
4. See “Test Conditions” section.
5. The combination of temperature variations from 25°C to 0°C or 25°C to 70°C and voltage variations
from 5.0V to 4.75V or 5.0V to 5.25V may produce an additional delay shift of ±1.5 ns or ±3%,
whichever is greater.
6. All output delays tend to vary unidirectionally over temperature or voltage ranges (i.e., if OUT 1
slows down, all other outputs also slow down).
7. Period specifications may be exceeded; however, accuracy will be application-sensitive (decoupling,
layout, etc.).
TERMINOLOGY
Period: The time elapsed between the leading edge of the first pulse and the leading edge of the
following pulse.
tWI (Pulse Width): The elapsed time on the pulse between the 1.5V point on the leading edge and the
1.5V point on the trailing edge, or the 1.5V point on the trailing edge and the 1.5V point on the leading
edge.
tRISE (Input Rise Time): The elapsed time between the 20% and the 80% point on the leading edge of the
input pulse.
tFALL (Input Fall Time): The elapsed time between the 80% and the 20% point on the trailing edge of the
input pulse.
tPLH (Time Delay, Rising): The elapsed time between the 1.5V point on the leading edge of the input
pulse and the 1.5V point on the leading edge of any tap output pulse.
tPHL (Time Delay, Falling): The elapsed time between the 1.5V point on the trailing edge of the input
pulse and the 1.5V point on the trailing edge of any tap output pulse.


Similar Part No. - DS1013M-20

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
logo
TT Electronics.
DS1013 TTELEC-DS1013 Datasheet
340Kb / 2P
   Water Flow Transmitter
logo
Maxim Integrated Produc...
DS1013 MAXIM-DS1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1013-10 DALLAS-DS1013-10 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
logo
Maxim Integrated Produc...
DS1013-10 MAXIM-DS1013-10 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
111799
More results

Similar Description - DS1013M-20

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1013 MAXIM-MXD1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
19-0394; Rev 0; 12/97
DS1013 MAXIM-DS1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1035 DALLAS-DS1035 Datasheet
50Kb / 6P
   3-in-1 High.Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1033 MAXIM-DS1033 Datasheet
56Kb / 6P
   3-in-1 Low Voltage Silicon Delay Line
111799
DS1035 MAXIM-DS1035 Datasheet
55Kb / 6P
   3-in-1 High?밪peed Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1135 DALLAS-DS1135 Datasheet
68Kb / 6P
   3-in-1 High-Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1135 MAXIM-DS1135 Datasheet
312Kb / 7P
   3-in-1 High-Speed Silicon Delay Line
19-6411; Rev 8/12
logo
Dallas Semiconductor
DS1033 DALLAS-DS1033 Datasheet
50Kb / 6P
   3-in-1 Low Voltage Silicon Delay Line
DS1033 DALLAS-DS1033 Datasheet
50Kb / 6P
   3-in-1 Low Voltage Silicon Delay Line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com