Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59S2MU-40MT5-D Datasheet(PDF) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59S2MU-40MT5-D
Description  RIGHT ANGLE PLUG
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59S2MU-40MT5-D Datasheet(HTML) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59S2MU-40MT5-D Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S2MU-40MT5-D Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S2MU-40MT5-D Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Data Sheet
FAKRA -
HF
RIGHT ANGLE PLUG
FOR PCB
59S2MU-40MT5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
3 / 3
Coding
Change History
Coding
Color
RAL
Part-Number
A
black
sim. 9005
59S2MU-40MT5-A
B
white
sim. 9001
59S2MU-40MT5-B
C
blue
sim. 5005
59S2MU-40MT5-C
D
bordeauxviolet
sim. 4004
59S2MU-40MT5-D
E
green
sim. 6002
59S2MU-40MT5-E
F
brown
sim. 8011
59S2MU-40MT5-F
G
grey
sim. 7031
59S2MU-40MT5-G
H
violet
sim. 4003
59S2MU-40MT5-H
I
beige
sim. 1001
59S2MU-40MT5-I
K
curry
sim. 1027
59S2MU-40MT5-K
L
carmine red
sim.3002
59S2MU-40MT5-L
M
pastel orange
sim. 2003
59S2MU-40MT5-M
N
pastel green
sim. 6019
59S2MU-40MT5-N
Z
waterblue
sim. 5021
59S2MU-40MT5-Z
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
F. Hohenadel
21.02.13
S. Hering
27.10.15
b00
15-0973
S. Gründler
27.10.15
Rev.
Date
Change
b00
27.10.15
Added information
Tape and reel packaging VG230.30000
Changed value
40N to 50N
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 59S2MU-40MT5-D

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59S2MB-40MT5-A ROSENBERGER-59S2MB-40MT5-A Datasheet
340Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2MB-40MT5-B ROSENBERGER-59S2MB-40MT5-B Datasheet
340Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2MB-40MT5-C ROSENBERGER-59S2MB-40MT5-C Datasheet
340Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2MB-40MT5-D ROSENBERGER-59S2MB-40MT5-D Datasheet
340Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2MB-40MT5-E ROSENBERGER-59S2MB-40MT5-E Datasheet
340Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
More results

Similar Description - 59S2MU-40MT5-D

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD373-010-6141G WINCHESTER-SD373-010-6141G Datasheet
38Kb / 1P
   DIN RIGHT ANGLE PLUG DIN RIGHT ANGLE PLUG
logo
Rosenberger Hochfrequen...
51S207-306N5 ROSENBERGER-51S207-306N5 Datasheet
43Kb / 2P
   RIGHT ANGLE PLUG
51S207-303N5 ROSENBERGER-51S207-303N5 Datasheet
43Kb / 2P
   RIGHT ANGLE PLUG
51S207-308N5 ROSENBERGER-51S207-308N5 Datasheet
43Kb / 2P
   RIGHT ANGLE PLUG
53S205-272N5 ROSENBERGER-53S205-272N5 Datasheet
111Kb / 2P
   RIGHT ANGLE PLUG
60S23B-317N1 ROSENBERGER-60S23B-317N1 Datasheet
91Kb / 2P
   Right Angle Plug
45S201-302L5 ROSENBERGER-45S201-302L5 Datasheet
44Kb / 2P
   RIGHT ANGLE PLUG
45S201-303L5 ROSENBERGER-45S201-303L5 Datasheet
44Kb / 2P
   RIGHT ANGLE PLUG
60S23B-315N1 ROSENBERGER-60S23B-315N1 Datasheet
92Kb / 2P
   Right Angle Plug
59S21B-40MT5-Y ROSENBERGER-59S21B-40MT5-Y Datasheet
176Kb / 3P
   RIGHT ANGLE PLUG
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com