Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1033M-12 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1033M-12
Description  3-in-1 Low Voltage Silicon Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1033M-12 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1033M-12 Datasheet HTML 1Page - Dallas Semiconductor DS1033M-12 Datasheet HTML 2Page - Dallas Semiconductor DS1033M-12 Datasheet HTML 3Page - Dallas Semiconductor DS1033M-12 Datasheet HTML 4Page - Dallas Semiconductor DS1033M-12 Datasheet HTML 5Page - Dallas Semiconductor DS1033M-12 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
111799
FEATURES
All-silicon timing circuit
Three independent buffered delays
Initial delay tolerance
±1.5 ns
Stable and precise over temperature and
voltage
Leading and trailing edge precision preserves
the input symmetry
Standard 8-pin DIP, 8-pin SOIC
Vapor phasing, IR and wave solderable
Available in Tape and Reel
PIN ASSIGNMENT
PIN DESCRIPTION
IN1-IN3
- Input Signals
OUT1-OUT3
- Output Signals
NC
- No Connection
VCC
- Supply Voltage
GND
- Ground
(Sub)
- Internal substrate
connection, do not make
any external connections
to these pins
DESCRIPTION
The DS1033 series is a low-power +3.3 Volt version of the DS1035. It is characterized for operation
over the range of 2.7V to 3.6V.
The DS1033 series of delay lines have three independent logic buffered delays in a single package. It is
available in a standard 8-pin DIP, 150-mil 8-pin mini-SOIC.
The device features precise leading and trailing edge accuracies. It has the inherent reliability of an all-
silicon delay line solution. The DS1033’s nominal tolerance is
±1.5 ns and an additional tolerance over
temperature and voltage of
±1.0 ns for the faster delays. Detailed specifications are shown in Table 1.
Standard delay values are indicated in Table 1. Customers may contact Dallas Semiconductor at (972)
371-4348 for further information.
DS1033
3-in-1 Low Voltage Silicon Delay Line
www.dalsemi.com
DS1033Z 8-Pin SOIC (150-mil)
See Mech. Drawings Section
IN1
IN2
IN3
GND
VCC
OUT3
OUT1
OUT2
1
2
3
4
8
7
6
5
DS1033M 8-Pin DIP
See Mech. Drawings Section
VCC
OUT3
OUT1
OUT2
IN1
IN2
IN3
GND
1
2
3
4
8
7
6
5


Similar Part No. - DS1033M-12

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1033 DALLAS-DS1033 Datasheet
50Kb / 6P
   3-in-1 Low Voltage Silicon Delay Line
logo
Maxim Integrated Produc...
DS1033 MAXIM-DS1033 Datasheet
56Kb / 6P
   3-in-1 Low Voltage Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1033-10 DALLAS-DS1033-10 Datasheet
50Kb / 6P
   3-in-1 Low Voltage Silicon Delay Line
logo
Maxim Integrated Produc...
DS1033-10 MAXIM-DS1033-10 Datasheet
56Kb / 6P
   3-in-1 Low Voltage Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1033-12 DALLAS-DS1033-12 Datasheet
50Kb / 6P
   3-in-1 Low Voltage Silicon Delay Line
More results

Similar Description - DS1033M-12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1033 MAXIM-DS1033 Datasheet
56Kb / 6P
   3-in-1 Low Voltage Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1033 DALLAS-DS1033 Datasheet
50Kb / 6P
   3-in-1 Low Voltage Silicon Delay Line
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1013 MAXIM-MXD1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
19-0394; Rev 0; 12/97
DS1013 MAXIM-DS1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1035 DALLAS-DS1035 Datasheet
50Kb / 6P
   3-in-1 High.Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1035 MAXIM-DS1035 Datasheet
55Kb / 6P
   3-in-1 High?밪peed Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1135 DALLAS-DS1135 Datasheet
68Kb / 6P
   3-in-1 High-Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1135 MAXIM-DS1135 Datasheet
312Kb / 7P
   3-in-1 High-Speed Silicon Delay Line
19-6411; Rev 8/12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com