Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59S1AC-40MT5-F Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59S1AC-40MT5-F
Description  STRAIGHT PLUG FOR PCB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59S1AC-40MT5-F Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59S1AC-40MT5-F Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S1AC-40MT5-F Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S1AC-40MT5-F Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data Sheet
FAKRA-HF
STRAIGHT PLUG
FOR PCB
59S1AC-40MT5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 3
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
DIN 72594-1
Documents
PCB layout
MB_480
Tape & reel packaging
VG326.20000
Material and plating
Connector parts
Material
Plating
Center contact
Brass
AuroDur®, gold plated
Outer contact
Zinc alloy
Tin, 2-6µm
Dielectric
HTN
Housing
HTN
b


Similar Part No. - 59S1AC-40MT5-F

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59S101-400L5 ROSENBERGER-59S101-400L5 Datasheet
40Kb / 2P
   SMB STRAIGHT PLUG PCB
59S101-S00L5 ROSENBERGER-59S101-S00L5 Datasheet
37Kb / 2P
   SMB ADAPTOR
59S102-102L5 ROSENBERGER-59S102-102L5 Datasheet
39Kb / 2P
   SMB STRAIGHT PLUG
59S10H-400T5-A ROSENBERGER-59S10H-400T5-A Datasheet
922Kb / 4P
   FAKRA - HF STRAIGHT PLUG PCB
59S10H-400T5-B ROSENBERGER-59S10H-400T5-B Datasheet
922Kb / 4P
   FAKRA - HF STRAIGHT PLUG PCB
More results

Similar Description - 59S1AC-40MT5-F

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
D4S10A-40ML5 ROSENBERGER-D4S10A-40ML5 Datasheet
168Kb / 2P
   STRAIGHT PLUG FOR PCB
D4S10A-400L5-Y ROSENBERGER-D4S10A-400L5-Y Datasheet
436Kb / 3P
   STRAIGHT PLUG FOR PCB
D4S12H-40MA5-Y ROSENBERGER-D4S12H-40MA5-Y Datasheet
411Kb / 3P
   STRAIGHT PLUG FOR PCB
D4S10P-40MA5-Y ROSENBERGER-D4S10P-40MA5-Y Datasheet
756Kb / 3P
   STRAIGHT PLUG FOR PCB
D4S10V-40MA5-Y ROSENBERGER-D4S10V-40MA5-Y Datasheet
711Kb / 3P
   TWIN STRAIGHT PLUG FOR PCB
119S142-40ML5 ROSENBERGER-119S142-40ML5 Datasheet
123Kb / 2P
   STRAIGHT PLUG FOR PCB SMOOTH BORE
59S13X-40MT5 ROSENBERGER-59S13X-40MT5 Datasheet
739Kb / 2P
   FAKRA-HF STRAIGHT PLUG FOR PCB
119S10B-40ML5 ROSENBERGER-119S10B-40ML5 Datasheet
150Kb / 2P
   STRAIGHT PLUG FOR PCB, LIMITED DETENT
119S104-40ML5 ROSENBERGER-119S104-40ML5 Datasheet
116Kb / 2P
   STRAIGHT PLUG FOR PCB LIMITED DETENT
119S14N-40ML5 ROSENBERGER-119S14N-40ML5 Datasheet
136Kb / 2P
   STRAIGHT PLUG FOR PCB SMOOTH BORE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com