Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS21352LN Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS21352LN
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352LN Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS21352LN Datasheet HTML 3Page - Dallas Semiconductor DS21352LN Datasheet HTML 4Page - Dallas Semiconductor DS21352LN Datasheet HTML 5Page - Dallas Semiconductor DS21352LN Datasheet HTML 6Page - Dallas Semiconductor DS21352LN Datasheet HTML 7Page - Dallas Semiconductor DS21352LN Datasheet HTML 8Page - Dallas Semiconductor DS21352LN Datasheet HTML 9Page - Dallas Semiconductor DS21352LN Datasheet HTML 10Page - Dallas Semiconductor DS21352LN Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 137 page
background image
DS21352/DS21552
7 of 137
3. INTRODUCTION
The DS21352/552 are 3.3V/5V superset versions of the popular DS2152 T1 single-chip transceiver
offering the new features listed below. All of the original features of the DS2152 have been retained and
software created for the original devices is transferable into the DS21352/552.
NEW FEATURES (after the DS2152)
§
Interleaving PCM Bus Operation
§
Integral HDLC controller with 64-byte buffers Configurable for FDL or DS0 operation
§
IEEE 1149.1 JTAG-Boundary Scan Architecture
§
3.3V (DS21352 only) supply
FEATURES
§
option for non–multiplexed bus operation
§
crystal–less jitter attenuation
§
3.3V I/O on all SCTs
§
additional hardware signaling capability including:
– receive signaling reinsertion to a backplane multiframe sync
– availability of signaling in a separate PCM data stream
– signaling freezing
– interrupt generated on change of signaling data
§
ability to calculate and check CRC6 according to the Japanese standard
§
ability to pass the F–Bit position through the elastic stores in the 2.048 MHz backplane mode
§
programmable in–band loop code generator and detector
§
per channel loopback and idle code insertion
§
RCL, RLOS, RRA, and RAIS alarms now interrupt on change of state
§
8.192 MHz clock output synthesized to RCLK
§
HDLC controller can be configured for FDL
§
addition of hardware pins to indicate carrier loss & signaling freeze
§
line interface function can be completely decoupled from the framer/formatter to allow:
– interface to optical, HDSL, and other NRZ interfaces
– be able to “tap” the transmit and receive bipolar data streams for monitoring purposes
– be able corrupt data and insert framing errors, CRC errors, etc.
§
transmit and receive elastic stores now have independent backplane clocks


Similar Part No. - DS21352LN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21352LN MAXIM-DS21352LN Datasheet
1Mb / 137P
   T1 Single-Chip Transceivers
120501
More results

Similar Description - DS21352LN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21554 MAXIM-DS21554 Datasheet
944Kb / 124P
   3.3V/5V E1 Single-Chip Transceivers
REV: 021004
DS21552 MAXIM-DS21552 Datasheet
1Mb / 137P
   T1 Single-Chip Transceivers
120501
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
   T1/E1/J1 3.3V Single Chip Transceiver
logo
Maxim Integrated Produc...
MAX4213EVKIT MAXIM-MAX4213EVKIT Datasheet
68Kb / 4P
   Single 3.3V/5V Operation
Rev 1; 6/98
logo
Dallas Semiconductor
DS1814 DALLAS-DS1814 Datasheet
146Kb / 8P
   5V and 3.3V MicroMonitor
logo
Maxim Integrated Produc...
DS1814 MAXIM-DS1814 Datasheet
152Kb / 8P
   5V and 3.3V MicroMonitor
122001
logo
Micrel Semiconductor
SY10EP05V MICREL-SY10EP05V_05 Datasheet
116Kb / 7P
   5V/3.3V DIFFERENTIAL AND/NAND
logo
Linear Technology
LTC1470 LINER-LTC1470 Datasheet
266Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1471 LINER-LTC1471_15 Datasheet
163Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1470 LINER-LTC1470_15 Datasheet
163Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com