Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XO7013 Datasheet(PDF) 4 Page - MTRONPTI

Part # XO7013
Description  Specification for a CMOS 9x14mm SMD VCXO Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

XO7013 Datasheet(HTML) 4 Page - MTRONPTI

  XO7013 Datasheet HTML 1Page - MTRONPTI XO7013 Datasheet HTML 2Page - MTRONPTI XO7013 Datasheet HTML 3Page - MTRONPTI XO7013 Datasheet HTML 4Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specification for a CMOS 9x14mm SMD VCXO Series
MtronPTI P/N: XO7013-0XXR
4 of 4
The information contained herein is proprietary to MtronPTI and is submitted in confidence.
This information may not be copied or divulged without written permission from MtronPTI.
Tape and Reel:
Tape and Reel Specifications
A
B
C
D
E
F
G
H
J
K
L
M
9.65
15.24
1.5
11.5
6.73
4
16
24
330
6.5
100
Data Sheet Revision Table:
Date
Rev.
Orig.
Details of Revision
05-05-16
B
MM
Image Updates
04-27-16
A
DPD
Original Draft.


Similar Part No. - XO7013

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO7010 MTRONPTI-XO7010 Datasheet
71Kb / 1P
   High Frequency Fundamental Wide Pulling Range Standard 14 Pin DIP/DIL
More results

Similar Description - XO7013

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
KVC7050 AITSEMI-KVC7050 Datasheet
251Kb / 1P
   SMD CMOS VCXO
KVC5032 AITSEMI-KVC5032 Datasheet
249Kb / 1P
   SMD CMOS VCXO
KVCM AITSEMI-KVCM Datasheet
239Kb / 1P
   SMD CMOS VCXO
logo
QUARTZCOM the communica...
VXO-6S-4P QUARTZCOM-VXO-6S-4P Datasheet
119Kb / 1P
   Miniature packaged SMD VCXO CMOS
logo
Nel Frequency Controls,...
SH-A3200 NEL-SH-A3200 Datasheet
179Kb / 2P
   VCXO Series (CMOS)
logo
CTS Corporation
350 CTS-350 Datasheet
105Kb / 2P
   9x14mm Differential PECL High Frequency VCXO(416MHz to 832MHz)
logo
IQD Frequency Products ...
IQXV-41 IQD-IQXV-41 Datasheet
300Kb / 2P
   VCXO Specification
IQXV-50 IQD-IQXV-50 Datasheet
290Kb / 2P
   VCXO Specification
IQXV-93 IQD-IQXV-93 Datasheet
158Kb / 3P
   VCXO Specification
IQXV-110 IQD-IQXV-110 Datasheet
288Kb / 2P
   VCXO Specification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com