Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-210-24-00-00-00 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # LL-210-24-00-00-00
Description  for overheating protection the cooler is equipped with a bimetal thermostat
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

LL-210-24-00-00-00 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  LL-210-24-00-00-00 Datasheet HTML 1Page - Laird Tech Smart Technology LL-210-24-00-00-00 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
)
(
'
&
%
$
8
&
%
$
)
(
*?(QJLQHHULQJ?$JJUHJDW?//?//
GIW
3DUWQU
7LWOH
5HY
6FDOH 6L]HVKHHW
//
$SSURYHGE\
'HVLJQHGE\
9HUVLRQ
3URMHFW
0 1\PDQ
6WDQGDUG
&-RKDQVVRQ
7($66(0%/<
9'& /,48,' /,48,'
&RPPHQW'HYLDWLRQV
+L3RWWHVWHG9'&
'LPHQVLRQXQLWV
*HQHUDOWROHUDQFHV
66,62
Y
0HWULF >PP@
&KHFNHG E\
&-RKDQVVRQ
5HOHDVHGDWH
&XVWRPHU
)LUVWDQJOH
SURMHFWLRQ
/DLUG 7HFKQRORJLHV
6
0³OQGDO6ZHGHQ
WIQ
ID[
HPDLO LQIR#ODLUGWHFKFRP
:HE ZZZODLUGWHFKFRP
$
6SHFLILFDWLRQ 7D
o&
&RGH 'HVFULSWLRQ
+HDW WUDQVIHU FROG VLGH
/
/LTXLG
+HDW WUDQVIHU ZDUP VLGH
/
/LTXLG
&DVFDGH
&RROLQJ SRZHU >:@
&DOFXODWHG
: DW G7 o& 7ROHUDQFH p
9ROWDJH QRPLQDO >9'&@
9'&
7(0 9ROWDJH >9'&@
1RPLQDO
9'& 0D[
9'&
7(0 &XUUHQW >$@
1RPLQDO
$ ,QLWLDO
$ $OO DW G7 o& 7ROHUDQFH p
)DQ V FROG VLGH
1RQH
)DQ V ZDUP VLGH
1RQH
7HPSHUDWXUH FRQWUROOHU VHQVRU
1RQH
7HPSHUDWXUH FRQWURO VHWWLQJV WULP RSWLRQV
$GGLWLRQDO FRQWUROOHU LQIRUPDWLRQ
7HPSHUDWXUH FRQWURO SRVLWLRQ
2SWLRQV
2YHUKHDWLQJ WKHUPRVWDW
o& p o& RQ KRW VLGH KHDW VLQN VXUIDFH 1RW ZLUHG LQ VHULH ZLWK 7(0V 8VH LW WR FRQWURO D UHOD\
2SHUDWLQJ WHPSHUDWXUH
0D[
o& DW QRPLQDO YROWDJH
7( 0RGXOH V WHPSHUDWXUH VSHFLILFDWLRQ
0D[ VXUIDFH WHPSHUDWXUH
o&
(QFORVHG
7XUERODWRUV ILWWHG LQ OLTXLG FKDQQHOV [/ 31,33
3DFNLQJ
,QGLYLGXDO FDUGERDUG ER[
[5S
E
)RURYHUKHDWLQJSURWHFWLRQWKH FRROHULV HTXLSSHG ZLWK D ELPHWDO
WKHUPRVWDW 7KH PD[LPXP UDWLQJIRUWKH WKHUPRVWDW LV $'& )RUV\VWHPV
ZLWK $RUOHVV WKH WKHUPRVWDW FDQEH FRQQHFWHG GLUHFWO\ LQVHULHV ZLWK
WKH 7KHUPR(OHFWULF 0RGXOHV 7(0 6 2WKHUZLVH FRQQHFWWKH 7(06 WR WKH
SRZHUVRXUFH WKURXJKD UHOD\ RI VXLWDEOHUDWLQJZKLFK VWDWH LV FRQWUROOHG
ZLWK WKH ELPHWDOWKHUPRVWDW
1RWH
&RROHG OLTXLG EORFNQHHGV WREH LVRODWHG IURPDLU KXPLGLW\ WRPLQLPL]H
ULVN IRU FRQGHQVDWLRQDQGWKHUPDOO\ LQVXODWHG IRUEHVWSHUIRUPDQFH


Similar Part No. - LL-210-24-00-00-00

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-204BD1F-B4-1G LUCKY-LIGHT-LL-204BD1F-B4-1G Datasheet
151Kb / 7P
   2mm Tower Type Blue LED Technical Data Sheet
LL-204HD1F-H1 LUCKY-LIGHT-LL-204HD1F-H1 Datasheet
386Kb / 7P
   2mm Tower Type Red LED Technical Data Sheet
LL-204SD2L-1S LUCKY-LIGHT-LL-204SD2L-1S Datasheet
133Kb / 7P
   2mm Tower Type Super Red LED Technical Data Sheet
LL-204UGC2L-2B LUCKY-LIGHT-LL-204UGC2L-2B Datasheet
133Kb / 7P
   2mm Tower Type Ultra Yellow Green LED Technical Data Sheet
LL-204YD1F-2Y LUCKY-LIGHT-LL-204YD1F-2Y Datasheet
670Kb / 7P
   2mm Tower Type Yellow LED Technical Data Sheet
More results

Similar Description - LL-210-24-00-00-00

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
DL-060-12-00-00-00 LSTD-DL-060-12-00-00-00 Datasheet
160Kb / 2P
   for overheating protection the cooler is equipped with a bimetal thermostat
LL-120-24-00-00-00 LSTD-LL-120-24-00-00-00 Datasheet
85Kb / 2P
   for overheating protection the cooler is equipped with a bimetal ther mostat
logo
List of Unclassifed Man...
67F120 ETC2-67F120 Datasheet
328Kb / 5P
   TO-220, Subminiature Bimetal Disc Thermostat
67F090P ETC2-67F090P Datasheet
328Kb / 5P
   TO-220, Subminiature Bimetal Disc Thermostat
66F060 ETC2-66F060 Datasheet
379Kb / 5P
   8-Pin DIP, Subminiature Bimetal Disc Thermostat
logo
Greystone Energy System...
LLC GREYSTONE-LLC Datasheet
55Kb / 1P
   FROST PROTECTION THERMOSTAT
logo
Shenzhen Huazhimei Semi...
HM8871 HMSEMI-HM8871 Datasheet
782Kb / 5P
   AB//D class switching, overheating, undervoltage, overcurrent protection
logo
PUI audio inc.
SMS-2008MS-R PUIAUDIO-SMS-2008MS-R Datasheet
731Kb / 6P
   Grill is integrated into the housing for speaker protection
logo
Littelfuse
SPUSB1 LITTELFUSE-SPUSB1 Datasheet
97Kb / 3P
   The Littelfuse SPUSB1 Series is a multifunctional USB port protection
logo
Roithner LaserTechnik G...
DLT-37 ROITHNER-DLT-37 Datasheet
624Kb / 15P
   The universal driver for Mid-IR LEDs with built-in cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com