Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1020-10ZC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1020-10ZC
Description  32K x 16 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1020-10ZC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1020-10ZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1020-10ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1020-10ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1020-10ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1020-10ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1020-10ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1020-10ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1020-10ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1020-10ZC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CY7C1020
5
Switching Waveforms
Notes:
8.
Device is continuously selected. OE, CE, BHE and/or BHE = VIL.
9.
WE is HIGH for read cycle.
10. Address valid prior to or coincident with CE transition LOW.
Read Cycle No. 1
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
1020-5
ADDRESS
DATA OUT
[8, 9]
Read Cycle No. 2 (OE Controlled)
1020-6
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
HIGH IMPEDANCE
tHZOE
tHZBE
tPD
HIGH
OE
CE
ICC
ISB
IMPEDANCE
ADDRESS
DATA OUT
V CC
SUPPLY
tDBE
tLZBE
tHZCE
BHE, BLE
[9, 10]
CURRENT
ICC
ISB


Similar Part No. - CY7C1020-10ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020-10ZC CYPRESS-CY7C1020-10ZC Datasheet
183Kb / 9P
   32K x 16 Static RAM
CY7C1020-10ZC CYPRESS-CY7C1020-10ZC Datasheet
190Kb / 10P
   32K x 16 Static RAM
More results

Similar Description - CY7C1020-10ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
417Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
   32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B Datasheet
180Kb / 10P
   32K x 16 Static RAM
CY7C1020BN CYPRESS-CY7C1020BN_10 Datasheet
424Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020_01 Datasheet
190Kb / 10P
   32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B_06 Datasheet
507Kb / 9P
   32K x 16 Static RAM
CY7C1022 CYPRESS-CY7C1022 Datasheet
125Kb / 8P
   32K x 16 Static RAM
CY7C1020V CYPRESS-CY7C1020V Datasheet
179Kb / 9P
   32K x 16 Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33 Datasheet
147Kb / 8P
   32K x 16 Static RAM
CY7C1020CV26 CYPRESS-CY7C1020CV26 Datasheet
147Kb / 8P
   512Kb (32K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com