Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74S12S-000S3 Datasheet(PDF) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 74S12S-000S3
Description  Short Circuit Plug
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

74S12S-000S3 Datasheet(HTML) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  74S12S-000S3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 74S12S-000S3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 74S12S-000S3 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Data Sheet
F 75 Ω
Short Circuit
Plug
74S12S-000S3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Email : info@rosenberger.de
Page
3 / 3
Declaration of calibration options
Factory Calibration
Standard delivery for this calibration standard includes a Factory Calibration. The Calibration Certificate
issued reports individual calibration results, traceable to Rosenberger standards, national / international
standards are not available. Model based standard definitions are individually optimized and reported in an
Agilent/Keysight, Rohde & Schwarz and Anritsu compatible VNA format.
Accredited Calibration
Not available.
For further, more detailed information see application note AN001 on the Rosenberger homepage.
Calibration interval
Recommendation
12 months
Packing
Standard
1 pce in box
Weight
40.5 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Herbert Babinger
14.04.15
Markus Müller
25.08.16
i00
16-1390
Marion Striegler
25.08.16
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 74S12S-000S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
74S12S-000S3 ROSENBERGER-74S12S-000S3 Datasheet
574Kb / 3P
   F75 Calibration Kit
More results

Similar Description - 74S12S-000S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
71S12S-000S3 ROSENBERGER-71S12S-000S3 Datasheet
127Kb / 3P
   Short Circuit PLUG
03S12S-000S3 ROSENBERGER-03S12S-000S3 Datasheet
544Kb / 3P
   Short Circuit Plug
03S12S-001D3 ROSENBERGER-03S12S-001D3 Datasheet
125Kb / 3P
   Short Circuit Plug
18S12S-000D3 ROSENBERGER-18S12S-000D3 Datasheet
546Kb / 3P
   Short Circuit
119K12S-000D3 ROSENBERGER-119K12S-000D3 Datasheet
582Kb / 3P
   Short Circuit
119S12S-000D3 ROSENBERGER-119S12S-000D3 Datasheet
573Kb / 3P
   Short Circuit
09S12S-000S3 ROSENBERGER-09S12S-000S3 Datasheet
92Kb / 3P
   Short Circuit
02S12S-000S3 ROSENBERGER-02S12S-000S3 Datasheet
550Kb / 3P
   Short Circuit
18K12S-000D3 ROSENBERGER-18K12S-000D3 Datasheet
547Kb / 3P
   Short Circuit
51S12S-000S3 ROSENBERGER-51S12S-000S3 Datasheet
126Kb / 3P
   Short Circuit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com