Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59S2DA-40MT5-K Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59S2DA-40MT5-K
Description  FAKRA ??HF PLUG FOR PCB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59S2DA-40MT5-K Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59S2DA-40MT5-K Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S2DA-40MT5-K Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S2DA-40MT5-K Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
FAKRA – HF
PLUG FOR PCB
59S2DA-40MT5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 3
Electrical Data
Impedance
50
Frequency
DC to 6 GHz
Return loss measured on 50
Ω footprint
≥ 23 dB (DC to 2.4 GHz)
≥ 20 dB (2.4 GHz to 4 GHz)
≥ 17 dB (4 GHz to 6 GHz)
Insertion loss
≤ 0.15 x
dB
Insulation resistance
≥ 1x10
3 MΩ
Center contact resistance
≤ 15 mΩ
Outer contact resistance
≤ 5 mΩ
Test voltage
750 V rms
Working voltage
335 V rms
Power current
≤ 1 A DC
- Connector only, VSWR in application depends decisive on PCB layout -
Mechanical data
Mating cycles
≥ 25
Engagement force
≤ 50 N
Disengagement force
≥ 2 N
Retention force latch
≥ 110 N
Coding efficiency
≥ 40 N
Environmental data
Temperature range
-40 °C to +105 °C
Thermal shock
DIN 72594-2 clause 8.2
Temperature and humidity
DIN 72594-2 clause 8.3
Vibration and mechanical shock
DIN 72594-2 clause 8.1
Dry heat
DIN 72594-2 clause 8.4
Soldering profile
acc. to IEC 60068-2-58 group 3&4
RoHS
compliant
Tooling
N/A
Packing
Standard
300 pcs on tape & reel
Weight
4.00 g/pce
c
c
c


Similar Part No. - 59S2DA-40MT5-K

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59S2DU-40MT5-Y ROSENBERGER-59S2DU-40MT5-Y Datasheet
1Mb / 3P
   FAKRA-HF PLUG FOR PCB
59S2DU-40MT5_A ROSENBERGER-59S2DU-40MT5_A Datasheet
1Mb / 3P
   FAKRA-HF PLUG FOR PCB
59S2DU-40MT5_B ROSENBERGER-59S2DU-40MT5_B Datasheet
1Mb / 3P
   FAKRA-HF PLUG FOR PCB
59S2DU-40MT5_C ROSENBERGER-59S2DU-40MT5_C Datasheet
1Mb / 3P
   FAKRA-HF PLUG FOR PCB
59S2DU-40MT5_D ROSENBERGER-59S2DU-40MT5_D Datasheet
1Mb / 3P
   FAKRA-HF PLUG FOR PCB
More results

Similar Description - 59S2DA-40MT5-K

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59S11K-40MT5-Y ROSENBERGER-59S11K-40MT5-Y Datasheet
819Kb / 3P
   FAKRA - HF PLUG FOR PCB
59S2DU-40MT5-Y ROSENBERGER-59S2DU-40MT5-Y Datasheet
1Mb / 3P
   FAKRA-HF PLUG FOR PCB
59S13X-40MT5 ROSENBERGER-59S13X-40MT5 Datasheet
739Kb / 2P
   FAKRA-HF STRAIGHT PLUG FOR PCB
59S2AA-400A5-Y ROSENBERGER-59S2AA-400A5-Y Datasheet
352Kb / 3P
   FAKRA - HF RIGHT ANGLE PLUG FOR PCB
59S10H-400T5-Y ROSENBERGER-59S10H-400T5-Y Datasheet
922Kb / 4P
   FAKRA - HF STRAIGHT PLUG PCB
59S12K-40MT5-Y ROSENBERGER-59S12K-40MT5-Y Datasheet
904Kb / 3P
   FAKRA-HF STRAIGHT PLUG PCB
59S10O-106A4 ROSENBERGER-59S10O-106A4 Datasheet
598Kb / 3P
   FAKRA - HF STRAIGHT PLUG
59S10O-103A4 ROSENBERGER-59S10O-103A4 Datasheet
58Kb / 3P
   FAKRA - HF STRAIGHT PLUG
59S16A-1M4T4 ROSENBERGER-59S16A-1M4T4 Datasheet
673Kb / 3P
   FAKRA - HF STRAIGHT PLUG
59S10O-101A4 ROSENBERGER-59S10O-101A4 Datasheet
678Kb / 2P
   FAKRA-HF STRAIGHT PLUG
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com