Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59S24B-40MT5_B Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59S24B-40MT5_B
Description  FAKRA PLUG FOR PCB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59S24B-40MT5_B Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59S24B-40MT5_B Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S24B-40MT5_B Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S24B-40MT5_B Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
FAKRA
PLUG FOR PCB
59S24B-40MT5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 3
f(GHz)
Material and plating
Connector parts
Material
Plating
Center contact
Brass
AuroDur®, gold plated
Outer contact
Zinc alloy
Tin, 6-8 µm
Dielectric
PA 6T/66
Housing
PA 6T/66
Electrical data
Impedance
50
Frequency
DC to 6 GHz
Return loss
≥ 26 dB, DC to 1 GHz
Insertion loss
≤ 0.1 x
dB
Insulation resistance
≥ 1x103 MΩ
Center contact resistance
≤ 5 mΩ
Outer contact resistance
≤ 5 mΩ
Test voltage
750 V rms
Working voltage
335 V rms
Power current
≤ 1 A DC
- Connector only, VSWR in application depends decisive on PCB layout -
Mechanical data
Mating cycles
≥ 25
Engagement force
≤ 25 N
Disengagement force
2 N
Coding efficiency
≥ 40 N
Environmental data
Temperature range
-40°C to +105°C
Thermal shock
DIN 72594-2 clause 6.2
Temperature and humidity
DIN 72594-2 clause 6.3
Vibration and mechanical shock
DIN 72594-2 clause 6.1
Dry heat
DIN 72594-2 clause 6.4
Soldering profile
acc. to IEC 60068-2-58 group3&4
2002/95/EC (RoHS)
compliant
Tooling
N/A
Packing
Standard
50 pcs in blister, 325 pcs. in tape & reel
Weight
4,7 g/pce


Similar Part No. - 59S24B-40MT5_B

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59S206-400L5 ROSENBERGER-59S206-400L5 Datasheet
111Kb / 2P
   RIGHT ANGLE PLUG PCB
59S20X-400T5-Y ROSENBERGER-59S20X-400T5-Y Datasheet
421Kb / 3P
   RIGHT ANGLE PLUG PCB WITH HOUSING
59S20X-400T5_A ROSENBERGER-59S20X-400T5_A Datasheet
421Kb / 3P
   RIGHT ANGLE PLUG PCB WITH HOUSING
59S20X-400T5_B ROSENBERGER-59S20X-400T5_B Datasheet
421Kb / 3P
   RIGHT ANGLE PLUG PCB WITH HOUSING
59S20X-400T5_C ROSENBERGER-59S20X-400T5_C Datasheet
421Kb / 3P
   RIGHT ANGLE PLUG PCB WITH HOUSING
More results

Similar Description - 59S24B-40MT5_B

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59S11K-40MT5-Y ROSENBERGER-59S11K-40MT5-Y Datasheet
819Kb / 3P
   FAKRA - HF PLUG FOR PCB
59S2DA-40MT5-Y ROSENBERGER-59S2DA-40MT5-Y Datasheet
429Kb / 3P
   FAKRA ??HF PLUG FOR PCB
59S2DU-40MT5-Y ROSENBERGER-59S2DU-40MT5-Y Datasheet
1Mb / 3P
   FAKRA-HF PLUG FOR PCB
59S13X-40MT5 ROSENBERGER-59S13X-40MT5 Datasheet
739Kb / 2P
   FAKRA-HF STRAIGHT PLUG FOR PCB
59S2AA-400A5-Y ROSENBERGER-59S2AA-400A5-Y Datasheet
352Kb / 3P
   FAKRA - HF RIGHT ANGLE PLUG FOR PCB
59S10H-400T5-Y ROSENBERGER-59S10H-400T5-Y Datasheet
922Kb / 4P
   FAKRA - HF STRAIGHT PLUG PCB
59S12K-40MT5-Y ROSENBERGER-59S12K-40MT5-Y Datasheet
904Kb / 3P
   FAKRA-HF STRAIGHT PLUG PCB
logo
Molex Electronics Ltd.
SD-73403-626 MOLEX-SD-73403-626 Datasheet
189Kb / 3P
   SMB PLUG FAKRA STR. 50 OHMS FOR RG316 FAKRA -PC
2023/03/31
logo
Pasternack Enterprises,...
PE38755Y PASTERNACK-PE38755Y Datasheet
187Kb / 1P
   FAKRA PLUG TO FAKRA PLUG, RG316/U COAX
PE38747A PASTERNACK-PE38747A Datasheet
188Kb / 1P
   FAKRA PLUG TO FAKRA PLUG, PE-C100 COAX
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com