Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2364NL Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # PA2364NL
Description  High Frequency Wire Wound Transformers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA2364NL Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  PA2364NL Datasheet HTML 1Page - Pulse A Technitrol Company PA2364NL Datasheet HTML 2Page - Pulse A Technitrol Company PA2364NL Datasheet HTML 3Page - Pulse A Technitrol Company PA2364NL Datasheet HTML 4Page - Pulse A Technitrol Company PA2364NL Datasheet HTML 5Page - Pulse A Technitrol Company PA2364NL Datasheet HTML 6Page - Pulse A Technitrol Company PA2364NL Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
P742.D (02/16)
5
pulseelectronics.com
High Frequency Wire Wound
Transformers
EP10 Platforms - SMT
Electrical Specifications @ 25°C - Operating Temperature -40°C to +130°C
Pri. Inductance
(3-4)
24
µH ±10%
Lk. Inductance
(3,4) with
(8, 7, 6, 5) shorted
0.6
µH MAX
(3-4)
86
m
Ω MAX
DCR
(6, ,5-8, 7)
86
m
Ω MAX
(2-1)
470
m
Ω MAX
Hi-Pot
Pri-Sec
1500
Vrms
K1 Factor
1179.9
Pri. Inductance
(3-4)
50.5
µH ±10%
Lk. Inductance
(3-4) with
(8, 7, 6, 5) shorted
1.4
µH MAX
(3-4)
420
m
Ω MAX
DCR
(6, 5-8, 7)
47
m
Ω MAX
(2-1)
174
m
Ω MAX
Hi-Pot
Pri-Sec
1500
Vrms
K1 Factor
1241.4
Pri. Inductance
(4-1) with 3,2 shorted
40
µH ±10%
(4-1) with 3,2 shorted
32
µH Min at 1.88A
Lk. Inductance
(4-1) with
(5, 6, 7, 8) shorted
1.45
µH MAX
(3-4)
410
m
Ω MAX
(6, 5-8, 7))
140
m
Ω MAX
(2-1)
140
m
Ω MAX
Hi-Pot
Pri-Sec
1500
Vdc
K1 Factor
1241.4
Pri. Inductance
(4-1) with 3,2 shorted
40
µH ±10%
(4-1) with 3.2 shorted
32
µH Min at 1.88A
Lk. Inductance
(4-1) with
(5, 6, 7, 8) shorted
1.45
µH MAX
(4-1)
405
m
Ω MAX
(8-6)
470
m
Ω MAX
(7-5)
470
m
Ω MAX
Hi-Pot
Pri-Sec
1500
Vdc
K1 Factor
983.3
PA2456NL
PA2627NL
PA3948.001NL
PA3948.002NL
DCR
FLYBACK TRANSFORMER
FLYBACK TRANSFORMER
FLYBACK TRANSFORMER
FLYBACK TRANSFORMER
DCR
5


Similar Part No. - PA2364NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA2367NL PULSE-PA2367NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
PA2369NL PULSE-PA2369NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
More results

Similar Description - PA2364NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1138NLT PULSE-PA1138NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1136NL PULSE-PA1136NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
PM9595NL PULSE-PM9595NL Datasheet
618Kb / 2P
   High Frequency Wire Wound Transformers
03/22
PA3855.001NL PULSE-PA3855.001NL Datasheet
922Kb / 5P
   High Frequency Wire Wound Transformers
PA1133NLT PULSE-PA1133NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PG1895NL PULSE-PG1895NL Datasheet
774Kb / 2P
   High Frequency Wire Wound Transformers
PA0273 PULSE-PA0273 Datasheet
249Kb / 6P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1836NLT PULSE-PA1836NLT Datasheet
1Mb / 6P
   High Frequency Wire Wound Transformers
PA0700NL PULSE-PA0700NL Datasheet
462Kb / 4P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1276NLT PULSE-PA1276NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1277NLT PULSE-PA1277NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com