Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0751.472NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P0751.472NL
Description  SMT POWER INDUCTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P0751.472NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P0751.472NL Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
18
SPM2007 (11/07)
Height: 5.5mm Max
Footprint: 13.0mm x 9.4mm Max
Current Rating: up to 6.8A
Inductance Range: 1.0µH to 1000µH
SMT POWER INDUCTORS
Unshielded Drum Core - P0751NL/52NL Series
.004/0,10
.215
5,46
MAX
SUGGESTED PAD LAYOUT
.115
2,92
.290
7,37
.110
2,79
.370 MAX
9,40
.510 MAX
12,95
XXX
1
2
Mechanical
Schematic
Inductance
Part 6,7
@ IPK ADC
Irated 5
DCR (MAX)
Saturation Current
Heating Current
Number
(µH ± 20%)
(A)
(m
Ω)
(A) @ 25°C
(A)
P0751.102NL
1.0
6.8
10
9.0
6.8
P0751.152NL
1.5
6.4
12
8.0
6.4
P0751.222NL
2.2
6.1
15
7.0
6.1
P0751.332NL
3.3
5.4
18
6.4
5.4
P0751.472NL
4.7
4.8
33
5.4
4.8
P0751.682NL
6.8
4.4
44
4.6
4.4
P0751.103NL
10
3.8
50
3.8
3.9
P0751.153NL
15
3.0
55
3.0
3.1
P0751.223NL
22
2.6
114
2.6
2.7
P0751.333NL
33
2.0
120
2.0
2.1
P0751.473NL
47
1.6
168
1.6
1.8
P0751.683NL
68
1.4
240
1.4
1.5
P0752.104NL
100
1.2
380
1.2
1.3
P0752.154NL
150
1.0
570
1.0
1.0
P0752.224NL
220
0.8
840
0.8
0.8
P0752.334NL
330
0.6
1020
0.6
0.6
P0752.474NL
470
0.5
1460
0.5
0.5
P0752.684NL
680
0.4
2170
0.4
0.4
P0752.105NL
1000
0.3
3300
0.3
0.3
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Weight . . . . . . . . 0.8 grams
Tape & Reel . . . . . . 800/reel
TAPE & REEL LAYOUT
.211
5,36
.520
13,21
.380
9,65
USER DIRECTION OF FEED
.472
12,00
.945 ± .012
24,00 ± 0,30
1. The temperature of the component (ambient plus temperature
rise) must be within the specified operating temperature range.
2. Inductance tested at 100kHz, 10mVRMS
3. Inductance drop = 10% typical at the saturation current
4.
ΔT = 15°C rise typical at the heating current
5. The rated current is the lower of the saturation or heating current
6. Optional Tape & Reel packaging can be ordered by adding a "T" suffix to the part number
(i.e. P0751.102NL becomes P0751.102NLT). Pulse complies to industry standard tape and
reel specification EIA481.
7. The "NL" suffix indicates an RoHS-compliant part number. Non-NL suffixed parts are not
necessarily RoHS compliant, but are electrically and mechanically equivalent to NL versions.
If a part number does not have the "NL" suffix, but an RoHS compliant version is required,
please contact Pulse for availability.
NOTES:


Similar Part No. - P0751.472NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0751.472 PULSE-P0751.472 Datasheet
373Kb / 2P
   SMT Power Inductors
More results

Similar Description - P0751.472NL

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com