Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1543NL Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PA1543NL
Description  HIGH FREQUENCY WIRE WOUND TRANSFORMERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA1543NL Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PA1543NL Datasheet HTML 1Page - Pulse A Technitrol Company PA1543NL Datasheet HTML 2Page - Pulse A Technitrol Company PA1543NL Datasheet HTML 3Page - Pulse A Technitrol Company PA1543NL Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 32181071 • China 86 755 33966678 • Taiwan 886 3 4643715
www.pulseeng.com
3
PRELIMINARY P674.C (03/16)
HIGH FREQUENCY WIRE WOUND
TRANSFORMERS
EFD25 Platforms - SMT
Electrical Specifications @ 25°C — Operating Temperature -40°C to 130°C 5
Pri. Inductance
(1,2-3,4)
40.5µH ±10%
Lk. Inductance
(1,2-3,4) with (5,6,7,8,9,10,11,12) shorted
n/a µH MAX
(1,2-3,4)
48mW MAX
(5-6)
167mW MAX
PA2464NL
DCR
(8-7)
17mW MAX
(12-11)
18mW MAX
(10-9)
102mW MAX
Hi-Pot
Pri-Sec
1500Vrms
K1 Factor
436.4
Pri. Inductance
(1,2-3,4)
12.2µH ±10%
Lk. Inductance
(1,2-3,4) with (5,6,7,8,9,10,11,12) shorted 0.196 µH MAX
(1,2-3,4)
18mW MAX
(5-6)
72mW MAX
PA2532NL
DCR
(8-7)
9.3mW MAX
(12-11)
9.3mW MAX
(10-9)
35mW MAX
Hi-Pot
Pri-Sec
1500Vrms
K1 Factor
131.5
Pri. Inductance
(1,2-3,4)
11.2µH ±10%
Lk. Inductance
(1,2-3,4) with (5,6,7,8,9,10,11,12) shorted
n/a µH MAX
(1,2-3,4)
18mW MAX
PA2548NL
DCR
(5-6)
73mW MAX
(8-7)
20mW MAX
(12-11)
21mW MAX
Hi-Pot
Pri-Sec
2250Vrms
K1 Factor
241.4
FLYBACK TRANSFORMER
5v / 4A
33-57v
200kHz 2.67
1
2
4
3
8
7
12
11
10
9
1.0
1.0
2.33
5v / 4A
12v / 40mA
5
6
12v / 20mA 2.33
FLYBACK TRANSFORMER
5v / 4.5A
44-52v
200kHz 2.67
1
2
4
3
8
7
12
11
10
9
1.0
1.0
2.33
5v / 4.5A
12v / 40mA
5
6
12v / 20mA 2.33
FLYBACK TRANSFORMER
44-52v
200kHz 1.14
1
2
4
3
12
11
8
7
1.0
1.0
12v / 3.25A
12v / 3.25A
5
6
12v / 20mA 1.0


Similar Part No. - PA1543NL

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
PA154 OKAYA-PA154 Datasheet
82Kb / 1P
   NOISE SUPPRESSION CAPACITOR
PA154-L OKAYA-PA154-L Datasheet
383Kb / 1P
   NOISE SUPPRESSION CAPACITOR
logo
Pulse A Technitrol Comp...
PA1546NL PULSE-PA1546NL Datasheet
78Kb / 1P
   SMT TRANSFORMERS
More results

Similar Description - PA1543NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1138NLT PULSE-PA1138NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1136NL PULSE-PA1136NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
PM9595NL PULSE-PM9595NL Datasheet
618Kb / 2P
   High Frequency Wire Wound Transformers
03/22
PA3855.001NL PULSE-PA3855.001NL Datasheet
922Kb / 5P
   High Frequency Wire Wound Transformers
PA1133NLT PULSE-PA1133NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PG1895NL PULSE-PG1895NL Datasheet
774Kb / 2P
   High Frequency Wire Wound Transformers
PA0273 PULSE-PA0273 Datasheet
249Kb / 6P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1836NLT PULSE-PA1836NLT Datasheet
1Mb / 6P
   High Frequency Wire Wound Transformers
PA1276NLT PULSE-PA1276NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1277NLT PULSE-PA1277NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com