Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA0663NL Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PA0663NL
Description  High Frequency Wire Wound Transformers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA0663NL Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PA0663NL Datasheet HTML 1Page - Pulse A Technitrol Company PA0663NL Datasheet HTML 2Page - Pulse A Technitrol Company PA0663NL Datasheet HTML 3Page - Pulse A Technitrol Company PA0663NL Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
pulseelectronics.com
High Frequency Wire Wound
Transformers
ER Platforms - ER9.5, ER11 and ER14.5
SPM2007 (05/16)
ER14.5
ER9.5
Mechanical
Schematics
1,2
PA0663NL
PB2109NL
PB2090NL
PB2135NL
PB2110NL
4.5-5.5V
6v, .02V
5v, .05A
5
6
7
8
5v, 0.25A
5
8
4,3
4
36-72V
200kHz
12V, 0.20A
3
5
8
+5V, 0.05A
6
5
-5V, 0.05A
8
7
2
12V, 0.05A
1
4
18-36V
200kHz
12V, 0.20A
3
5
8
2
12V, 0.05A
1
4
20-30V
200kHz
3
2
1
4
18-36V
200kHz
3
2
12V, 0.05A
1
Sec2 should be stacked on top of
Sec1 to achieve desired output
Connect pins 2 and 3 on PCB
to complete Primary
(continued)
98


Similar Part No. - PA0663NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA0663NL PULSE-PA0663NL Datasheet
288Kb / 5P
   High Frequency Wire Wound Transformers
PA0663NL PULSE-PA0663NL Datasheet
1Mb / 3P
   POWER MAGNETICS
More results

Similar Description - PA0663NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1138NLT PULSE-PA1138NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1136NL PULSE-PA1136NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
PM9595NL PULSE-PM9595NL Datasheet
618Kb / 2P
   High Frequency Wire Wound Transformers
03/22
PA3855.001NL PULSE-PA3855.001NL Datasheet
922Kb / 5P
   High Frequency Wire Wound Transformers
PA1133NLT PULSE-PA1133NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PG1895NL PULSE-PG1895NL Datasheet
774Kb / 2P
   High Frequency Wire Wound Transformers
PA0273 PULSE-PA0273 Datasheet
249Kb / 6P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1836NLT PULSE-PA1836NLT Datasheet
1Mb / 6P
   High Frequency Wire Wound Transformers
PA0700NL PULSE-PA0700NL Datasheet
462Kb / 4P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1276NLT PULSE-PA1276NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1277NLT PULSE-PA1277NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com