Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC2512FK-1397R6 Datasheet(PDF) 9 Page - YAGEO Corporation

Part # AC2512FK-1397R6
Description  THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC2512FK-1397R6 Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button AC2512FK-1397R6 Datasheet HTML 4Page - YAGEO Corporation AC2512FK-1397R6 Datasheet HTML 5Page - YAGEO Corporation AC2512FK-1397R6 Datasheet HTML 6Page - YAGEO Corporation AC2512FK-1397R6 Datasheet HTML 7Page - YAGEO Corporation AC2512FK-1397R6 Datasheet HTML 8Page - YAGEO Corporation AC2512FK-1397R6 Datasheet HTML 9Page - YAGEO Corporation AC2512FK-1397R6 Datasheet HTML 10Page - YAGEO Corporation AC2512FK-1397R6 Datasheet HTML 11Page - YAGEO Corporation AC2512FK-1397R6 Datasheet HTML 12Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov. 02, 2016 V.5
Product specification
9
12
SERIES
AC
0201 to 2512
TESTS AND REQUIREMENTS
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
High Temperature
Exposure
AEC-Q200 Test 3
MIL-STD-202 Method 108
1,000 hours at TA = 155 °C, unpowered
± (1.0%+0.05Ω) for D/F tol
± (2.0%+0.05Ω) for J tol
<50 mΩ for Jumper
Moisture
Resistance
AEC-Q200 Test 6
MIL-STD-202 Method 106
Each temperature / humidity cycle is defined at
8 hours (method 106F), 3 cycles / 24 hours for
10d. with 25 °C / 65 °C 95% R.H, without steps
7a & 7b, unpowered
Parts mounted on test-boards, without
condensation on parts
± (0.5%+0.05Ω) for D/F tol
± (2.0%+0.05Ω) for J tol
<100 mΩ for Jumper
Biased
Humidity
AEC-Q200 Test 7
MIL-STD-202 Method 103
1,000 hours; 85 °C / 85% RH
10% of operating power
Measurement at 24± 4 hours after test conclusion.
± (1.0%+0.05Ω) for D/F tol
± (3.0%+0.05Ω) for J tol
<100 mΩ for Jumper
Operational Life
AEC-Q200 Test 8
MIL-STD-202 Method 108
1,000 hours at 125 °C, derated voltage applied for
1.5 hours on, 0.5 hour off, still-air required
± (1.0%+0.05Ω) for D/F tol
± (3.0%+0.05Ω) for J tol
<100 mΩ for Jumper
Resistance to
Soldering Heat
AEC-Q200 Test 15
MIL-STD-202 Method 210
Condition B, no pre-heat of samples
Lead-free solder, 260± 5 °C, 10± 1 seconds
immersion time
Procedure 2 for SMD: devices fluxed and
cleaned with isopropanol
± (0.5%+0.05Ω) for D/F tol
± (1.0%+0.05Ω) for J tol
<50 mΩ for Jumper
No visible damage
Thermal Shock
AEC-Q200 Test 16
MIL-STD-202 Method 107
-55/+125 °C
Number of cycles is 300. Devices mounted
Maximum transfer time is 20 seconds.
Dwell time is 15 minutes. Air – Air
± (0.5%+0.05Ω) for D/F tol
± (1.0%+0.05Ω) for J tol
<50 mΩ for Jumper
ESD
AEC-Q200 Test 17
AEC-Q200-002
Human Body Model,
1 pos. + 1 neg. discharges
0201: 500V
0402/0603: 1KV
0805 and above: 2KV
± (3.0%+0.05 Ω)
<50 mΩ for Jumper
Table 4 Test condition, procedure and requirements


Similar Part No. - AC2512FK-1397R6

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC2512FK-1397R6L YAGEO-AC2512FK-1397R6L Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AC2512FK-1397R6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMF10JT103 ETC-RMF10JT103 Datasheet
1,016Kb / 13P
   Automotive Grade Thick Film Chip Resistors
logo
YAGEO Corporation
AC0201DR-071RL YAGEO-AC0201DR-071RL Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603FR YAGEO-AC0603FR Datasheet
312Kb / 10P
   THICK FILM CHIP RESISTORS Automotive grade
AC0402 YAGEO-AC0402 Datasheet
345Kb / 11P
   THICK FILM CHIP RESISTORS Automotive grade
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
logo
YAGEO Corporation
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
AC0612DR-071R YAGEO-AC0612DR-071R Datasheet
639Kb / 9P
   THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
RE0805DR-071KL YAGEO-RE0805DR-071KL Datasheet
281Kb / 7P
   THICK FILM CHIP RESISTORS Precision grade
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com