Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3022 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # W3022
Description  1.88-1.93 GHz DECT Ceramic Antenna
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W3022 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  W3022 Datasheet HTML 1Page - Pulse A Technitrol Company W3022 Datasheet HTML 2Page - Pulse A Technitrol Company W3022 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1.88-1.93 GHz DECT Ceramic Antenna
Ground cleared under antenna, clearance area 10.80 x 6.25 mm
W3022 Datasheet version 2.2. 1.88-1.93 GHz DECT Ceramic Antenna. Confidential. Preliminary (07/08)
z
H
M
0
0
0
0
0
0
.
0
0
4
N
A
P
S
z
H
M
0
0
0
0
0
0
.
0
0
9
R
E
T
N
E
C
Cor
PRm
CH1Markers
1. -22.172 dB 1.88000 GHz
2. -43.163 dB 1 905.000 000 MHz
3. -20.951 dB 1.93000 GHz
24 Aug 2006 12:30:11
Ceramic Chip Antenna
10 dB/REF 0 dB
CH1 S11 LOG
Typical Electrical Characteristics (T=25 °C)
Measured on the 80 x 37 mm test board
Typical Return Loss S11/ impedance
z
H
M
0
0
0
0
0
0
.
0
0
4
N
A
P
S
z
H
M
0
0
0
0
0
0
.
0
0
9
1
R
E
T
N
E
C
1. 55.0384 Ω -9.0332 Ω 1.88000 GHz
2. 50.680 Ω
-998.05 m 83.709 pF
1 905.000 000 MHz
3. 52.143 Ω
7.8008 Ω
1.93000 GHz
CH1Markers
CH1 S11 1 U FS
PRm
Del
Cor
Free space efficiency and maximum gain
3.00
2.50
2.00
1.50
1.00
0.50
0.00
Freq [MHz ]
Max Gain
0.00
-1.00
-2.00
-3.00
-4.00
-5.00
-6.00
90 %
80 %
70 %
60 %
50 %
40 %
30 %
20 %
Freq [MHz ]
Rad Eff [%]
Rad Eff [dB]
DECT 1880-1930 MHz
24 Aug 2006 12:31:19
Ceramic Chip
Antenna
DECT 1880-1930 MHz
3
2
1
1
2
3
© 2008 All Rights Reserved.
Pulse Finland Oy
Takatie 6
90440
Kempele, Finland
Tel: +358 207 935 500
Fax: +358 207 935 501
www.pulseeng.com/antennas


Similar Part No. - W3022

ManufacturerPart #DatasheetDescription
logo
Agere Systems
W3020 AGERE-W3020 Datasheet
409Kb / 44P
   GSM Multiband RF Transceiver
logo
Pulse A Technitrol Comp...
W3020 PULSE-W3020 Datasheet
158Kb / 5P
   ANTENNAS
W3020 PULSE-W3020 Datasheet
2Mb / 3P
   Ceramic Chip Antenna
W3024 PULSE-W3024 Datasheet
158Kb / 5P
   ANTENNAS
W3024 PULSE-W3024 Datasheet
1Mb / 3P
   Ceramic Chip Antenna
More results

Similar Description - W3022

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMDCC0002 MA-COM-MAMDCC0002 Datasheet
130Kb / 5P
   Vector Modulator, 1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
MAIA-007100-000100 MA-COM-MAIA-007100-000100 Datasheet
141Kb / 5P
   Vector Modulator, 1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
logo
Johanson Technology Inc...
1880LP14A060 JOHANSON-1880LP14A060 Datasheet
99Kb / 2P
   1.88 GHz Low Pass Filter
1880LP14A060T JOHANSON-1880LP14A060T Datasheet
99Kb / 2P
   1.88 GHz Low Pass Filter
logo
Alpha Industries
HY17-12 ALPHA-HY17-12 Datasheet
50Kb / 3P
   90 Degree Hybrid 1.71-1.88 GHz
logo
Skyworks Solutions Inc.
HY17-12 SKYWORKS-HY17-12 Datasheet
143Kb / 4P
   90-Degree Hybrid 1.71-1.88 GHz
logo
Abracon Corporation
ACAG0301-2450-T ABRACON-ACAG0301-2450-T Datasheet
763Kb / 11P
   2.45 GHz Ceramic Chip Antenna
05.03.2019
ACAG0301-5500-T ABRACON-ACAG0301-5500-T Datasheet
4Mb / 6P
   5.5 GHz Ceramic Chip Antenna
06.21.2018
logo
ANADIGICS, Inc
AWB7123 ANADIGICS-AWB7123 Datasheet
532Kb / 9P
   1.93 GHz through 1.99 GHz Small-Cell Power Amplifier Module
logo
Broadcom Corporation.
MGA-43003 BOARDCOM-MGA-43003 Datasheet
546Kb / 17P
   High Linearity (1.805 ??1.88) GHz Power Amplifi er Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com