Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WFP2N60B Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFP2N60B
Description  Silicon N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFP2N60B Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFP2N60B Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP2N60B Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP2N60B Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP2N60B Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP2N60B Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP2N60B Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP2N60B Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
W
W
W
WFP2N6
FP2N6
FP2N6
FP2N60
0
0
0B
B
B
B
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
Silic
Silic
Silic
Silico
o
o
on
n
n
n N-C
N-C
N-C
N-Ch
h
h
ha
a
a
an
n
n
nnel
nel
nel
nel MOS
MOS
MOS
MOSF
F
F
FET
ET
ET
ET
Features
■ 2A,600V, RDS(on)(Max 5Ω)@VGS=10V
■ Ultra-low Gate Charge(Typical 9.0nC)
■ Fast Switching Capability
■ 100%Avalanche Tested
■ Maximum Junction Temperature Range(150
℃)
General Description
This Power MOSFET is produced using Winsemi’s advanced planar
stripe,
VDMOS
technology. This
latest
technology has
been
especially designed to minimize on-state resistance, have a high
rugged avalanche characteristics. This devices is specially well
suited for high efficiency switch mode power supply.
Absolute Maximum Ratings
G
G
G
G
D
D
D
D
S
S
S
S
T
T
T
TO
O
O
O220
220
220
220
Symbol
Parameter
Value
Units
VDSS
Drain Source Voltage
600
V
ID
Continuous Drain Current(@Tc=25
℃)
2.0
A
Continuous Drain Current(@Tc=100
℃)
1.3
A
IDM
Drain Current Pulsed
(Note1)
8
A
VGS
Gate to Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
140
mJ
EAR
Repetitive Avalanche Energy
(Note 1)
6.4
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
PD
Total Power Dissipation(@Tc=25
℃)
54
W
Derating Factor above 25
0.43
W/
TJ, Tstg
Junction and Storage Temperature
-55~150
TL
Maximum lead Temperature for soldering purposes
300
Thermal Characteristics
Symbol
Parameter
Value
Units
Min
Typ
Max
RQJC
Thermal Resistance, Junction-to-Case
-
-
2.3
℃/W
RQCS
Thermal Resistance, Case-to-Sink
0.5
-
-
℃/W
RQJA
Thermal Resistance, Junction-to-Ambient
-
-
62.5
℃/W
Rev. D
Nov.2009
T02-2


Similar Part No. - WFP2N60B

ManufacturerPart #DatasheetDescription
logo
Wisdom technologies Int...
WFP2N60 WISDOM-WFP2N60 Datasheet
1Mb / 6P
   600V N-Channel MOSFET
More results

Similar Description - WFP2N60B

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com