Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XT40.241 Datasheet(PDF) 6 Page - PULS GmbH

Part # XT40.241
Description  THREE-PHASE INPUT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

XT40.241 Datasheet(HTML) 6 Page - PULS GmbH

Back Button XT40.241 Datasheet HTML 2Page - PULS GmbH XT40.241 Datasheet HTML 3Page - PULS GmbH XT40.241 Datasheet HTML 4Page - PULS GmbH XT40.241 Datasheet HTML 5Page - PULS GmbH XT40.241 Datasheet HTML 6Page - PULS GmbH XT40.241 Datasheet HTML 7Page - PULS GmbH XT40.241 Datasheet HTML 8Page - PULS GmbH XT40.241 Datasheet HTML 9Page - PULS GmbH XT40.241 Datasheet HTML 10Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
XT40.241, XT40.242
– X-Series
24V, 40A, THREE-PHASE INPUT
Jan. 2007 / Rev. 1.0 DS-XT40.24x-EN All parameters are specified at 24V 40A, 3x400Vac (XT40.241) or 3x480Vac (XT40.242),
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
6/20
8. HOLD-UP TIME
XT40.241
XT40.242
Hold-up Time
typ.
2.0ms
2.0ms
40A, resistive load, see Fig. 8-2
typ.
1.8ms
1.8ms
40A, constant power load, see Fig. 8-2
typ.
4.0ms
4.0ms
20A, resistive load
typ.
3.6ms
3.6ms
20A, constant power load
Hold-up Time
min.
1.6ms
1.6ms
40A, resistive load, see Fig. 8-2
min.
1.45ms
1.45ms
40A, constant power load, see Fig. 8-2
min.
3.2ms
3.2ms
20A, resistive load
min.
2.9ms
2.9ms
20A, constant power load
Fig. 8-1 Hold-up time, definitions
The energy is stored in the output capacitor. As
soon as the input is turned off, the output
capacitor will be discharged and the voltage will
dissipate according to the curves in Fig. 8-2. The
lighter the load, the longer the hold-up time. Half
the load means twice the hold-up time.
The
hold-up
time
depends
on
the
load
characteristic. The curves below show the hold-up
time for a load with a resistive and a constant
power characteristic.
The hold-up time is defined as the period of time
when the input is turned off and until the output
voltage falls below 24V –15% (20.4V). This value is
defined in the IEC61131-2 as the lower limit for the
supplying voltage.
-15%
Hold-
up
Time
Zero Transition
Output
Voltage
Intput
Voltage
Fig. 8-2 Hold-up time vs. input voltage
24V
12V
18V
14V
VOUT
22V
16V
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
5.5 6.0 6.5 7.0 7.5 8.0
5.0
8.5 9.0ms
40A, constant power load, typ.
40A, resistive load, typ.
T
40A, constant power load, min.
40A, resistive load, min.
20.4V
Note: At no load, the hold-up time can be up to one minute. The green DC-ok LED is on during this time.


Similar Part No. - XT40.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
XT40.361 PULS-XT40.361 Datasheet
544Kb / 20P
   THREE-PHASE INPUT
XT40.362 PULS-XT40.362 Datasheet
544Kb / 20P
   THREE-PHASE INPUT
XT40.481 PULS-XT40.481 Datasheet
590Kb / 20P
   THREE-PHASE INPUT
XT40.482 PULS-XT40.482 Datasheet
590Kb / 20P
   THREE-PHASE INPUT
XT40.721 PULS-XT40.721 Datasheet
519Kb / 19P
   THREE-PHASE INPUT
More results

Similar Description - XT40.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QT20.481 PULS-QT20.481 Datasheet
658Kb / 23P
   THREE PHASE INPUT
XT40.361 PULS-XT40.361 Datasheet
544Kb / 20P
   THREE-PHASE INPUT
XT40.481 PULS-XT40.481 Datasheet
590Kb / 20P
   THREE-PHASE INPUT
QT40.241 PULS-QT40.241 Datasheet
953Kb / 29P
   THREE PHASE INPUT
QT20.361 PULS-QT20.361 Datasheet
728Kb / 23P
   THREE PHASE INPUT
QT20.241 PULS-QT20.241 Datasheet
932Kb / 27P
   THREE PHASE INPUT
QT40.361 PULS-QT40.361 Datasheet
895Kb / 27P
   THREE PHASE INPUT
XT40.721 PULS-XT40.721 Datasheet
519Kb / 19P
   THREE-PHASE INPUT
QT40.481 PULS-QT40.481 Datasheet
912Kb / 28P
   THREE PHASE INPUT
logo
XP Power Limited
DNR120-960TS XPPOWER-DNR120-960TS Datasheet
422Kb / 2P
   Three Phase AC Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com