Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M61508SFCN Datasheet(PDF) 1 Page - MTRONPTI

Part # M61508SFCN
Description  5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M61508SFCN Datasheet(HTML) 1 Page - MTRONPTI

  M61508SFCN Datasheet HTML 1Page - MTRONPTI M61508SFCN Datasheet HTML 2Page - MTRONPTI M61508SFCN Datasheet HTML 3Page - MTRONPTI M61508SFCN Datasheet HTML 4Page - MTRONPTI M61508SFCN Datasheet HTML 5Page - MTRONPTI M61508SFCN Datasheet HTML 6Page - MTRONPTI M61508SFCN Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
M615x Series
5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave,
Precision TCXO/TCVCXO
Product Features
Product Description
Product Ordering Information
Features
Stratum 3 Performance with 0.34 ppm (pk-pk) Holdover Stability Over
Industrial Temperature Range (-40 °C to +85 °C)
3.0 V, 3.3 V and 5.0 V Options
Low Phase Noise and Excellent G-Sens Performance (1.5 ppb/g)
Tristate Function Available
Available in Clipped Sine Wave or HCMOS
Applications
Synchronous Ethernet Slave Clocks ITU-T G.8262 EEC Options 1 & 2
Compliant to Stratum 3 GR-1244-Core & GR-253-Core
SONET/SDH Network Timing
Wireless Communications
Ordering Information
M6151
2
S
T
S
N
00.0000
MHz
Product Series
M6150 = 5.0 V
M6151 = 3.3 V
M6152 = 3.0 V
Temperature Range
1: 0 °C to +70 °C
8: 0 °C to +50 °C
2: -40 °C to +85 °C
F: -30 °C to +75 °C
6: -20 °C to +70 °C
Stability
S: ±4.6 ppm w/Holdover
Output Type
T: Voltage Controlled With Tristate
F: No Voltage Control With Tristate
Output Waveform
C: HCMOS
S: Clipped Sine Wave
Package/Lead Configurations
N: Leadless Ceramic (10 pads)
Frequency (customer specified)
M615xSxxx - Custom datasheets.
MtronPTI’s M615x Series TCXO and TCVCXO provide network and wireless engineers with low voltage, surface mount
products with extremely tight stability over temperature and time. MtronPTI’s unique approach to crystal compensation
enables these devices to achieve full Stratum 3 compliance, including holdover stability over the industrial temperature
range (-40 °C to +85 °C). Specially processed crystals enable the M615x to achieve consistent long-term stability and
minimalfrequencyshiftafterreflow.Thisprocessingalsoachievesexcellentg-sensitivity(1.5ppb/g).Thelowphase
noise (-155 dBc/Hz at 100 kHz offset) makes the M615x ideal for the design engineer working on all types of systems as
the reference timing source.
Rev: 07/17/2013


Similar Part No. - M61508SFCN

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61508 MITSUBISHI-M61508 Datasheet
3Mb / 22P
   THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
M61508FP MITSUBISHI-M61508FP Datasheet
3Mb / 22P
   THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
logo
Renesas Technology Corp
M61508FP RENESAS-M61508FP Datasheet
233Kb / 25P
   The Electric Volume of Built-in Non Fader Volume with Tone
More results

Similar Description - M61508SFCN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M61801MTCN MTRONPTI-M61801MTCN Datasheet
1Mb / 7P
   3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
M61701STCN MTRONPTI-M61701STCN Datasheet
1Mb / 7P
   3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
M60531HSN MTRONPTI-M60531HSN Datasheet
836Kb / 2P
   3.2 x 5.0 mm, 3.0 V, Clipped Sine Wave or HCMOS, TCXO/VCTCXO
M61601LTCN MTRONPTI-M61601LTCN Datasheet
809Kb / 7P
   5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M610X MTRONPTI-M610X Datasheet
885Kb / 7P
   M610x Series Stratum 3 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M60491GACD MTRONPTI-M60491GACD Datasheet
728Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
logo
Advanced Crystal Techno...
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
   TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
logo
MTRONPTI
M6049 MTRONPTI-M6049 Datasheet
708Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
M611X MTRONPTI-M611X Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
MVX MTRONPTI-MVX Datasheet
231Kb / 1P
   5x7 mm, 3.0/3.3/5.0 Volt, Clipped Sinewave TCVCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com