Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5A3159TX Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI5A3159TX
Description  SOTINYTM 1??Low-Voltage SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A3159TX Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI5A3159TX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A3159TX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A3159TX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A3159TX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A3159TX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A3159TX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A3159TX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A3159TX Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5A3159TX Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
PS8634C
09/13/04
PI5A3159
SOTINYTM 1Ω Low-Voltage
SPDT Analog Switch
Test Circuits/Timing Diagrams (continued)
Figure 4. Off Isolation/On-Channel Bandwidth
Figure 6. Channel-Off Capacitance
Figure 5. Crosstalk
Figure 7. Channel-On Capacitance
Figure 8. Bandwidth
V+
+5V
Analyzer
IN
10nF
NC or
NO
COM1
0V to 2.4V
or
0V to 2V
GND
50
50
Analyzer
Signal
Generator
0dBm
COM
10nF
GND
NC
NO
IN
VCC
V+
50
50
Capacitance
Meter
COM
IN
10nF
GND
f = 1 MHz
NC
+5V
V+
0V to 2.4V
or 0V to 2V
V+
+5V
NC
Capacitance
Meter
GND
COM
10nF
IN
0V or
2.4V
f = 1MHz
V+
GND
NC or
NO
10nF
COM
+5V
Vo
Rg = 50Ω
RL
50


Similar Part No. - PI5A3159TX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BC6EX PERICOM-PI5A3157BC6EX Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BZUEX PERICOM-PI5A3157BZUEX Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157CEX PERICOM-PI5A3157CEX Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
More results

Similar Description - PI5A3159TX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3158 PERICOM-PI5A3158 Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
logo
Fairchild Semiconductor
FSA4157 FAIRCHILD-FSA4157_07 Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
FSA4157A FAIRCHILD-FSA4157A_12 Datasheet
635Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
logo
Analog Microelectronics
AME4624 AME-AME4624 Datasheet
153Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620 AME-AME4620_1 Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2031 VISHAY-DG2031 Datasheet
68Kb / 6P
   Low-Voltage, Sub 1, Dual SPDT Analog Switch
Rev. E, 21-Jun-04
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
   Low-Voltage, 1-Ω, Dual SPDT Analog Switch
Rev. B, 21-Jun-04
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
   Low-Voltage SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com