Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5A3159TX Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI5A3159TX
Description  SOTINYTM 1??Low-Voltage SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A3159TX Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI5A3159TX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A3159TX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A3159TX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A3159TX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A3159TX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A3159TX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A3159TX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A3159TX Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5A3159TX Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
PS8634C
09/13/04
PI5A3159
SOTINYTM 1Ω Low-Voltage
SPDT Analog Switch
Test Circuits/Timing Diagrams
Figure 1. Switching Time
Figure 2. Charge Injection
Figure 3. Break-Before-Make Interval
V+
V+
NO
GND
NC
COM
Logic
Input
tr <20ns
tf <20ns
VOUT = VNO
RL
RL + RON
(
)
CL INCLUDES FIXTURE AND STRAY CAPACITANCE
VOUT
VOUT
RL
50
CL
35pF
LOGIC INPUT WAVEFORMS INVERTED FOR
SWITCHES THAT HAVE OPPOSITE LOGIC
* 1.5V FOR 3.3V SUPPLY
tOFF
tON
90%
90%
Logic
Input
Switch
Output
VINH
VINL
0V
50%
V
RL
50
CL
35pF
VNO
∆VOUT
VOUT
VOUT
VGEN
Logic
Input
OFF
OFF
OFF
ON
ON
IN
IN
COM
IN
GND
V+
.1µF
V+
NC
NO or
OFF
Q = (
∆VOUT)(CL)
CL
1nF
V+
V+
NC
GND
COM
VIN
Logic
Input
IN
NO
CL INCLUDES FIXTURE AND STRAY CAPACITANCE
VOUT
RL
50
CL
35pF
Logic
Input
VINH
VINL
Switch
Output
(VOUT)
50%
0.9xVOUT
0.9xVOUT
tBBM


Similar Part No. - PI5A3159TX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BC6EX PERICOM-PI5A3157BC6EX Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BZUEX PERICOM-PI5A3157BZUEX Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157CEX PERICOM-PI5A3157CEX Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
More results

Similar Description - PI5A3159TX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3158 PERICOM-PI5A3158 Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
logo
Fairchild Semiconductor
FSA4157 FAIRCHILD-FSA4157_07 Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
FSA4157A FAIRCHILD-FSA4157A_12 Datasheet
635Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
logo
Analog Microelectronics
AME4624 AME-AME4624 Datasheet
153Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620 AME-AME4620_1 Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2031 VISHAY-DG2031 Datasheet
68Kb / 6P
   Low-Voltage, Sub 1, Dual SPDT Analog Switch
Rev. E, 21-Jun-04
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
   Low-Voltage, 1-Ω, Dual SPDT Analog Switch
Rev. B, 21-Jun-04
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
   Low-Voltage SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com