Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UL94-V0 Datasheet(PDF) 4 Page - Ecliptek Corporation

Part # UL94-V0
Description  Quartz Crystal Clock Oscillators XO (SPXO) LVPECL (PECL) 2.5Vdc 6 Pad 3.2mm x 5.0mm Ceramic Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

UL94-V0 Datasheet(HTML) 4 Page - Ecliptek Corporation

  UL94-V0 Datasheet HTML 1Page - Ecliptek Corporation UL94-V0 Datasheet HTML 2Page - Ecliptek Corporation UL94-V0 Datasheet HTML 3Page - Ecliptek Corporation UL94-V0 Datasheet HTML 4Page - Ecliptek Corporation UL94-V0 Datasheet HTML 5Page - Ecliptek Corporation UL94-V0 Datasheet HTML 6Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PART NUMBER DATA SHEET
ECLIPTEK
CORPORATION
R
E15C5H2F-125.000M
Power
Supply
Power
Supply
Power
Supply
Power
Supply
Oscilloscope
Probe 2
(Note 2)
Probe 1
(Note 2)
Current
Meter
Voltage
Meter
Frequency
Counter
Switch
0.01µF
(Note 1)
0.1µF
(Note 1)
50 Ohms
Supply
Voltage
(VDD)
Tri-State
Complementary
Output
Output
No
Connect
Ground
50 Ohms
Note 1: An external 0.01µF ceramic bypass capacitor in parallel with a 0.1µF high frequency ceramic bypass capacitor close (less than 2mm)
to the package ground and supply voltage pin is required.
Note 2: A low capacitance (<12pF), 10X attenuation factor, high impedance (>10Mohms), and high bandwidth (>500MHz) passive probe is
recommended.
Note 3: Test circuit PCB traces need to be designed for a characteristic line impedance of 50 ohms.
Test Circuit for Tri-State and Complementary Output
www.ecliptek.com | Specification Subject to Change Without Notice | Revision D 02/25/2013 | Page 4 of 6
Ecliptek Corporation 3545 Cadillac Ave., Costa Mesa, CA 92626
1-800-ECLIPTEK or 714.433.1200


Similar Part No. - UL94-V0

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UL9480G-TA3-T UTC-UL9480G-TA3-T Datasheet
162Kb / 4P
   LINEAR INTEGRATED CIRCUIT
UL9480L-TA3-T UTC-UL9480L-TA3-T Datasheet
162Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Molex Electronics Ltd.
UL94V-0 MOLEX4-UL94V-0 Datasheet
115Kb / 2P
   7.30mm (.287") Pitch Wire-to-Wire VersaBlade??Hybrid Receptacle Housing, 6Circuits, Polyester Carbonate UL94V-0, Yellow, Glow Wire Compatible
logo
Wurth Elektronik GmbH &...
UL94V-0 WURTH-UL94V-0 Datasheet
4Mb / 48P
   Variable Step Down MicroModule
1.0
logo
Molex Electronics Ltd.
UL94V-2 MOLEX4-UL94V-2 Datasheet
73Kb / 2P
   4.75mm (.187") Tab, MP-Lock??Housing, 3 Circuits, 6.00mm (.236") Pitch, 6.65mm (.261") Pitch, UL94V-2, Natural
More results

Similar Description - UL94-V0

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
C5BS FOX-C5BS Datasheet
191Kb / 3P
   5.0mm x 3.2mm Ceramic SMD Crystal
logo
CTS Corporation
405I35D24M00000 CTS-405I35D24M00000 Datasheet
125Kb / 3P
   Standard 5.0mm x 3.2mm Ceramic Surface Mount Package
logo
Fox Electronics
C5AQ FOX-C5AQ Datasheet
208Kb / 2P
   5.0mm x 3.2mm SMD Crystal
logo
Mercury United Electron...
HPK5761 MERCURY-HPK5761 Datasheet
314Kb / 4P
   Differential LVPECL Crystal Clock Oscillators
HPK5361 MERCURY-HPK5361 Datasheet
301Kb / 4P
   Differential LVPECL Crystal Clock Oscillators
logo
Nel Frequency Controls,...
AB-X29NXXX NEL-AB-X29NXXX Datasheet
142Kb / 3P
   PECL/LVPECL UHF XO
SU-X29PXXX-X NEL-SU-X29PXXX-X Datasheet
160Kb / 4P
   PECL/LVPECL UHF XO
AB-X29NXXX-X NEL-AB-X29NXXX-X Datasheet
157Kb / 3P
   PECL/LVPECL UHF XO
logo
Advanced Crystal Techno...
ACT5CSV-4 ACT-ACT5CSV-4 Datasheet
142Kb / 2P
   6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
06/04/06
ACT9PSV-4 ACT-ACT9PSV-4 Datasheet
109Kb / 2P
   4 & 6 pad miniature surface mount Voltage Controlled Crystal Oscillators
15/11/05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com