Electronic Components Datasheet Search |
|
1727003038 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
1727003038 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 03/02/2017 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 1727003038 Status: Active Overview: Impact™ Backplane Connector and Cable Assembly System Description: Impact™ zX2 95 Ohm 4 Pair Right Angle Orthogonal Daughtercard, Left Guided, 8 Columns, 128 Circuits, Plated Through Hole Dimension 0.36mm, Lead-Free Documents: 3D Model Product Specification PS-172374-999 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification UL E29179 General Product Family Backplane Connectors Series 172700 Application Daughtercard, Orthogonal Component Type PCB Receptacle Overview Impact™ Backplane Connector and Cable Assembly System Product Name Impact™ zX2 UPC 889056479622 Physical Circuits (Loaded) 128 Circuits (maximum) 128 Color - Resin Black Durability (mating cycles max) 200 First Mate / Last Break No Flammability 94V-0 Guide to Mating Part Yes Keying to Mating Part None Material - Metal High Performance Alloy (HPA) Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Net Weight 19.456/g Number of Columns 8 Number of Pairs 4 Number of Rows 16 Orientation Right Angle PC Tail Length 1.40mm PCB Locator No PCB Retention Yes PCB Thickness - Recommended 1.00mm Packaging Type Tray Pitch - Mating Interface 1.35mm, 1.90mm Pitch - Termination Interface 1.35mm, 1.90mm Plating min - Mating 0.762µm Polarized to PCB No Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating -55°C to +85°C Termination Interface: Style Through Hole - Compliant Pin Electrical Current - Maximum per Contact 0.75A Series image - Reference only EU ELV Not Relevant EU RoHS China RoHS Compliant REACH SVHC Not Contained Per -ED/01/2017 (12 January 2017) Halogen-Free Status Low-Halogen Need more information on product environmental compliance? Email productcompliance@molex.com Please visit the Contact Us section for any non-product compliance questions. China ROHS Green Image ELV Not Relevant RoHS Phthalates Not Contained Search Parts in this Series 172700 Series Mates With Impact™ Orthogonal Header 76845 <br> Impact™ Orthogonal Direct Header 171574 |
Similar Part No. - 1727003038_17 |
|
Similar Description - 1727003038_17 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |