Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1857140D12NF Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # SR1857140D12NF
Description  Articulating mounts available
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SR1857140D12NF Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  SR1857140D12NF Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
FEATURES
Suitable for indoor or outdoor applications
Articulating mounts available
SR2405135D12RBN
Wide-Angle Coverage
Directional Antenna
PCS/DCS AND 2.4 GHz WIDE ANGLE COVERAGE DIRECTIONAL ANTENNA
Laird's 135°, wide H-plane antenna offers systems engineers an alternative to wall mounting
omnidirectional antennas. Wall-mount, omnidirectional antennas can suffer unduly from
multipath components created by the wall itself. The antenna dimensions are 6 x 3 x 2 inches
and coax length and connector type can be adapted to the requirement.
MARKETS
Offices
Healthcare facilities
Educational and industrial campuses
Shopping malls
WiMAX
MODEL
FREQ.
GHz
GAIN
dBi
VSWR POLARIZATION RF CONNECTOR
3 dB BMWIDTH
E-PLANE
3 dB BMWIDTH
H-PLANE
WEIGHT
lb (kg)
POWER
(WATTS)
MOUNT
SR2405135D12NF
2400-2500
5
1.5:1
Linear
N
55°
135°
0.3 (0.14)
25
Wall
SR2404180D12NF
2400-2500
4
1.5:1
Linear
N
55°
180°
0.75 (0.34)
25
Wall
SR1857140D12NF
1850-1990
7
1.5:1
Linear
N
30°
140°
0.75 (0.34)
25
Wall
SR1856180D12NF
1850-1990
7
1.5:1
Linear
N
30°
140°
0.75 (0.34)
25
Wall
SR1717140D12NF
1710-1880
7
1.5:1
Linear
N
30°
140°
0.75 (0.34)
25
Wall
SR1716180D12NF
1710-1880
6
1.5:1
Linear
N
30°
180°
1.1 (0.5)
25
Wall
SR2405135DS12NF
2400-2500
5
1.5:1
Linear
N (2)
55°
135°
0.75 (0.34)
25
Wall
H-Plane
E-Plane
SR2405135D/135º
330°
-10
-15
120°
150°
180°
240°
-5
-5
-5
-10
-10
-15
-15
90°
-5
-15
30°
60°
270°
300°
210°
-20
-20
-20
-20
ANT-DS-SR2405135D_0115
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use
and application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness,
merchantability or suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind.
All Laird products are sold pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015
Laird Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trade marks or registered trade marks of Laird Inc. or an affiliate company
thereof. Other product or service names may be the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.


Similar Part No. - SR1857140D12NF

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR18 MOSPEC-SR18 Datasheet
220Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,70-100V)
logo
Nanjing International G...
SR180 DGNJDZ-SR180 Datasheet
318Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Shunye Electro...
SR180 SY-SR180 Datasheet
238Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SR180 YFWDIODE-SR180 Datasheet
422Kb / 3P
   Schottky Barrier Rectifiers
SR180 YFWDIODE-SR180 Datasheet
73Kb / 2P
   1.0Amp Schottky Barrier Rectifiers
More results

Similar Description - SR1857140D12NF

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
SR24011120D LSTD-SR24011120D Datasheet
1Mb / 1P
   Articulating mounts available
S2401290P LSTD-S2401290P Datasheet
818Kb / 1P
   Tilt and articulating mounts available
S24012P LSTD-S24012P Datasheet
626Kb / 1P
   Articulating mount available
logo
Extech Instruments Corp...
HDV640 EXTECH-HDV640 Datasheet
301Kb / 1P
   High Definition Articulating VideoScope Kit
logo
List of Unclassifed Man...
561-TA40170 ETC2-561-TA40170 Datasheet
136Kb / 2P
   Clip Mounts
561-F001 ETC2-561-F001 Datasheet
84Kb / 1P
   Capacitor Mounts
logo
Richco, Inc.
LEDM-3-17 RICHCO-LEDM-3-17 Datasheet
108Kb / 1P
   LED MOUNTS
logo
List of Unclassifed Man...
561-TA00090 ETC2-561-TA00090 Datasheet
136Kb / 2P
   Clip Mounts
7374 ETC2-7374 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8917 ETC2-8917 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com