Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC0603DR-7W9R76 Datasheet(PDF) 11 Page - YAGEO Corporation

Part # AC0603DR-7W9R76
Description  THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC0603DR-7W9R76 Datasheet(HTML) 11 Page - YAGEO Corporation

Back Button AC0603DR-7W9R76 Datasheet HTML 4Page - YAGEO Corporation AC0603DR-7W9R76 Datasheet HTML 5Page - YAGEO Corporation AC0603DR-7W9R76 Datasheet HTML 6Page - YAGEO Corporation AC0603DR-7W9R76 Datasheet HTML 7Page - YAGEO Corporation AC0603DR-7W9R76 Datasheet HTML 8Page - YAGEO Corporation AC0603DR-7W9R76 Datasheet HTML 9Page - YAGEO Corporation AC0603DR-7W9R76 Datasheet HTML 10Page - YAGEO Corporation AC0603DR-7W9R76 Datasheet HTML 11Page - YAGEO Corporation AC0603DR-7W9R76 Datasheet HTML 12Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov. 02, 2016 V.5
Product specification
11
12
SERIES
AC
0201 to 2512
REVISION HISTORY
REVISION
DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 5
Dec. 07, 2015 -
- Add in AC double power
Version 4
May 25, 2015
-
- Remove 7D packing
- Extend resistance range
- Add in AC0201
- Update FOS test and requirements
Version 3
Feb 13, 2014
-
- Feature description updated
- add ± 0.5%
- delete 10" taping reel
Version 2
Feb. 10, 2012
-
- Jumper criteria added
- AC1218 marking and outline figure updated
Version 1
Feb. 01, 2011
-
- Case size 1210, 1218, 2010, 2512 extended
- Test method and procedure updated
- Packing style of 7D added
Version 0
Nov. 10, 2010 -
- First issue of this specification


Similar Part No. - AC0603DR-7W9R76

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC0603DR-7W9R76L YAGEO-AC0603DR-7W9R76L Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AC0603DR-7W9R76

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMF10JT103 ETC-RMF10JT103 Datasheet
1,016Kb / 13P
   Automotive Grade Thick Film Chip Resistors
logo
YAGEO Corporation
AC0201DR-071RL YAGEO-AC0201DR-071RL Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603FR YAGEO-AC0603FR Datasheet
312Kb / 10P
   THICK FILM CHIP RESISTORS Automotive grade
AC0402 YAGEO-AC0402 Datasheet
345Kb / 11P
   THICK FILM CHIP RESISTORS Automotive grade
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
logo
YAGEO Corporation
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
AC0612DR-071R YAGEO-AC0612DR-071R Datasheet
639Kb / 9P
   THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
RE0805DR-071KL YAGEO-RE0805DR-071KL Datasheet
281Kb / 7P
   THICK FILM CHIP RESISTORS Precision grade
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com