Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0622018627 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0622018627
Description  GbX I-Trac Right-Angle Header with Right Hold Down, Power Module, 2 Blades
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0622018627 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0622018627 Datasheet HTML 1Page - Molex Electronics Ltd. 0622018627 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/02/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0782292011
Status:
Active
Overview:
GbX I-Trac™ Backplane Connector System
Description:
GbX I-Trac™ Right-Angle Header with Right Hold Down, Power Module, 2 Blades, 40
Amps
Documents:
3D Model
Application Specification AS-78231-007-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-78231-006-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Backplane Connectors
Series
78229
Application
Daughtercard
Component Type
Power Header
Overview
GbX I-Trac™ Backplane Connector System
Product Name
GbX I-Trac™
UPC
883906523619
Physical
Circuits (Loaded)
4
Circuits (maximum)
4
Circuits Detail
40 Amps (20/Split Blade). Power Module 1 Blade
Length P1, 8.27mm; P2, 8.27mm. Power Module 2
Blade Length P1, 8.27mm; P2, 8.27mm
Color - Resin
Black
Durability (mating cycles max)
100
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
9.782/g
Number of Columns
1
Number of Pairs
4
Number of Rows
2
Orientation
Right Angle
PC Tail Length
2.41mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness - Recommended
1.60mm
Packaging Type
Tray
Pitch - Mating Interface
2.00mm, 7.40mm
Pitch - Termination Interface
2.00mm, 7.40mm
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
78229 Series
Mates With
78227 GbX I-Trac™ Vertical Receptacle,
Power Module. 78230 GbX I-Trac™ Power
Receptacle
Use With
76020 GbX I-Trac™ Right Angle, 7 Row
Receptacle Module
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #


Similar Part No. - 0622018627

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622018627 MOLEX11-0622018627 Datasheet
35Kb / 2P
   GbX I-Trac Right-Angle Header with Left Hold Down, Power Module
0622018627 MOLEX11-0622018627 Datasheet
63Kb / 2P
   GbX I-Trac Right Angle Receptacle with Left Hold Down, 2-Power Module
0622018627 MOLEX1-0622018627 Datasheet
36Kb / 2P
   GbX I-Trac Right Angle Receptacle with Right Hold Down, 2-Power Module,2 Blades
0622018627 MOLEX11-0622018627 Datasheet
35Kb / 2P
   GbX I-Trac Right-Angle Header with Left Hold Down, Power Module
0622018627 MOLEX1-0622018627 Datasheet
35Kb / 2P
   GbX I-Trac Right-Angle Header with Left Hold Down, Power Module, 2 Blades
More results

Similar Description - 0622018627

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0782292033 MOLEX1-0782292033_17 Datasheet
36Kb / 2P
   GbX I-Trac Right-Angle Header with Right Hold Down, Power Module, 2 Blades
0782342003 MOLEX1-0782342003_17 Datasheet
41Kb / 2P
   GbX I-Trac Right Angle Header with Right Hold Down, Power Module, 2 Blades
0782292003 MOLEX1-0782292003_17 Datasheet
40Kb / 2P
   GbX I-Trac Right-Angle Header with Right Hold Down, Power Module, 2 Blades
0782292001 MOLEX1-0782292001_17 Datasheet
40Kb / 2P
   GbX I-Trac Right-Angle Header with Right Hold Down, Power Module, 2 Blades
0782292002 MOLEX1-0782292002_17 Datasheet
40Kb / 2P
   GbX I-Trac Right-Angle Header with Right Hold Down, Power Module, 2 Blades
0782342001 MOLEX1-0782342001_17 Datasheet
41Kb / 2P
   GbX I-Trac Right Angle Header with Right Hold Down, Power Module, 2 Blades
0782291011 MOLEX11-0782291011 Datasheet
36Kb / 2P
   GbX I-Trac Right-Angle Header with Left Hold Down, Power Module, 2 Blades
0782291002 MOLEX1-0782291002_17 Datasheet
35Kb / 2P
   GbX I-Trac Right-Angle Header with Left Hold Down, Power Module, 2 Blades
0782291023 MOLEX11-0782291023 Datasheet
36Kb / 2P
   GbX I-Trac Right-Angle Header with Left Hold Down, Power Module, 2 Blades
0782291001 MOLEX1-0782291001_17 Datasheet
35Kb / 2P
   GbX I-Trac Right-Angle Header with Left Hold Down, Power Module, 2 Blades
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com